Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 65 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 61Page - NXP Semiconductors FS26 Datasheet HTML 62Page - NXP Semiconductors FS26 Datasheet HTML 63Page - NXP Semiconductors FS26 Datasheet HTML 64Page - NXP Semiconductors FS26 Datasheet HTML 65Page - NXP Semiconductors FS26 Datasheet HTML 66Page - NXP Semiconductors FS26 Datasheet HTML 67Page - NXP Semiconductors FS26 Datasheet HTML 68Page - NXP Semiconductors FS26 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
16.2.24 M_LDT_CTRL
Bit
15
14
13
12
11
10
9
8
Write
0
0
0
0
0
0
0
0
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Reset
0
0
0
0
0
0
0
0
Table 62. M_LDT_CTRL register bit allocation
Bit
7
6
5
4
3
2
1
0
Write
0
LDT_FNCT[2:0]
LDT_SEL
LDT_MODE
LDT_EN
0
Read
RESERVED
LDT_FNCT[2:0]
LDT_SEL
LDT_MODE
LDT_EN
LDT_RUN
Reset
0
0
0
0
0
0
0
0
Go to main register map
Bit
Symbol
Value
Description
Long Duration Timer (LDT) function selection
0h
Function 1 (default)
1h
Function 2
2h
Function 3
3h
Function 4
4h
Function 5
6 to 4
LDT_FNCT[2:0]
Reset on power-on reset (POR_M)
Long Duration Timer (LDT) register (LDT_WUP_H[7:0] / LDT_WUP_L[15:0]) content selection
0h
Read / set LDT wake-up target value (default)
1h
Read LDT 24-bit real time counter value
3
LDT_SEL
Reset on power-on reset (POR_M)
Set Long Duration Timer (LDT) operation mode
0h
Set LDT to long count (default)
1h
Set LDT to short count
2
LDT_MODE
Reset on power-on reset (POR_M)
Start Long Duration Timer (LDT) operation
0h
Disable LDT (default)
1h
LDT starts counting
1
LDT_EN
Reset on power-on reset (POR_M)
LDT status
0h
LDT is disabled or not counting (default)
1h
LDT is enabled and count is in progress
0
LDT_RUN
Reset on power-on reset (POR_M), LDT stopped
Table 63. M_LDT_CTRL register bit description
16.2.25 M_MEMORY0
Bit
15
14
13
12
11
10
9
8
Write
MEM0[15:8]
Read
MEM0[15:8]
Reset
0
0
0
0
0
0
0
0
Table 64. M_MEMORY0 register bit allocation
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
65 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com