Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 42 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 38Page - NXP Semiconductors FS26 Datasheet HTML 39Page - NXP Semiconductors FS26 Datasheet HTML 40Page - NXP Semiconductors FS26 Datasheet HTML 41Page - NXP Semiconductors FS26 Datasheet HTML 42Page - NXP Semiconductors FS26 Datasheet HTML 43Page - NXP Semiconductors FS26 Datasheet HTML 44Page - NXP Semiconductors FS26 Datasheet HTML 45Page - NXP Semiconductors FS26 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
16 Register mapping
16.1 Register map overview
Register
Name
ADDRESS
(Hex)
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
M_
DEVICEID
00
FULL_LAYER_REV [15:13]
METAL_LAYER_REV [12:10]
FAM_ID [9:6]
DEV_ID [5:0]
M_PROGID
01
PROG_IDH [15:8]
PROG_IDL [7:0]
M_STATUS
02
TWARN_S
VDBG_
VOLT_S
VBST_
ACTIVE_S
VBSTFB_
UV_S
WK2_S
WK1_S
GPIO2_S GPIO1_S
VREF_S
VBST_S
VPRE_S
TRK2_S
TRK1_S
CORE_S
LDO2_S
LDO1_S
M_TSD_
FLG
03
TWARN_I
0
0
0
0
0
0
0
0
GPIO1TSD_I VPRETSD_
I
TRK2TSD_I TRK1TSD_I
CORETSD_I
LDO2TSD_I
LDO1TSD_I
M_TSD_
MSK
04
TWARN_M
0
0
0
0
0
0
0
0
GPIO1
TSD_M
VPRETSD_
M
TRK2
TSD_M
TRK1
TSD_M
CORETSD_
M
LDO2
TSD_M
LDO1TSD_M
M_REG_
FLG
05
0
0
0
0
0
0
0
VBSTOV_
I
VPREUVH_
I
VBSTOC_I
VPREOC_I TRK2OC_I
TRK1OC_I
COREOC_I
LDO2OC_I
LDO1OC_I
M_REG_
MSK
06
0
0
0
0
0
0
0
VBSTOV_
M
VPREUVH_
M
VBSTOC_M
VPREOC_
M
TRK2OC_M TRK1OC_M COREOC_M LDO2OC_M
LDO1OC_M
M_VSUP_
FLG
07
0
0
0
0
0
0
0
0
0
0
0
0
VBOSUVH_I
VSUPOV_I
VSUPUV6_I VSUPUVH_I
M_VSUP_
MSK
08
0
0
0
0
0
0
0
0
0
0
0
0
VBOSUVH_
M
VSUPOV_M
VSUPUV6_
M
VSUPUVH_
M
M_WIO_
FLG
09
WU_CLR
0
0
0
WUEVENT [11:8]
0
0
0
LDT_I
IO2_I
IO1_I
WK2_I
WK1_I
M_WIO_
MSK
0A
0
0
0
0
0
0
0
0
0
0
0
LDT_M
IO2_M
IO1_M
WK2_M
WK1_M
M_COM_
FLG
0B
0
0
0
0
0
0
0
0
0
0
0
0
0
MSPI_CRC_I MSPI_CLK_I MSPI_REQ_I
M_COM_
MSK
0C
0
0
0
0
0
0
0
0
0
0
0
0
0
MSPI_
CRC_M
MSPI_
CLK_M
MSPI_
REQ_M
M_SYS_
CFG
0D
RETRY_CNT [15:8]
RETRY_
CLR
0
0
INTB_TEST
INT_
PWIDTH
FSS_FMOD
0
FSS_EN
M_TSD_
CFG
0E
0
0
0
0
0
0
0
0
0
0
VPR
ETDFS
TRK2TDFS
TRK1TDFS
CORETDFS
LDO2TDFS
LDO1TDFS
M_REG_
CFG
0F
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VREF_PD
VBST_TMD
M_WIO_
CFG
10
0
0
0
0
GPIO2
WUPOL
GPIO1
WUPOL
WAKE2
POL
WAKE1
POL
0
0
CSBWUEN LDTWUEN
GPIO2
WUEN
GPIO1WUEN WK2WUEN
WK1WUEN
M_REG_
CTRL1
11
0
0
GPIO2LP_ON
GPIO1LP_ON
0
0
GPIO2HI
GPIO1HI
VREFEN
VBSTEN
0
TRK2EN
TRK1EN
COREEN
LDO2EN
LDO1EN
M_REG_
CTRL2
12
0
IO2LO
IO1LO
VREFDIS
VBSTDIS
0
TRK2DIS
TRK1DIS
COREDIS
LDO2DIS
LDO1DIS
M_AMUX_
CTRL
13
0
0
0
0
0
0
0
0
0
AMUX_EN
AMUX_DIV
AMUX [4:0]
Table 15. Main SPI register map overview
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
42 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com