Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 45 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 41Page - NXP Semiconductors FS26 Datasheet HTML 42Page - NXP Semiconductors FS26 Datasheet HTML 43Page - NXP Semiconductors FS26 Datasheet HTML 44Page - NXP Semiconductors FS26 Datasheet HTML 45Page - NXP Semiconductors FS26 Datasheet HTML 46Page - NXP Semiconductors FS26 Datasheet HTML 47Page - NXP Semiconductors FS26 Datasheet HTML 48Page - NXP Semiconductors FS26 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
16.2.3 M_STATUS
Bit
15
14
13
12
11
10
9
8
Read
TWARN_S
VDBG_VOLT_S
VBST_
ACTIVE_S
VBSTFB_UV_S
WK2_S
WK1_S
GPIO2_S
GPIO1_S
Reset
0
0
0
0
0
0
0
0
Table 20. M_STATUS register bit allocation
Bit
7
6
5
4
3
2
1
0
Read
VREF_S
VBST_S
VPRE_S
TRK2_S
TRK1_S
CORE_S
LDO2_S
LDO1_S
Reset
0
0
0
0
0
0
0
0
Go to main register map
Bit
Symbol
Value
Description
Real-time status of Thermal Warning flag
0h
TJ < TWARN
1h
TJ > TWARN
15
TWARN_S
Real-time information
Real-time status of DEBUG pin voltage
0h
DEBUG pin voltage VDEBUG < VNORM
1h
DEBUG pin voltage VDEBUG > VDBG
14
VDBG_VOLT_S
Real-time information
Real-time status of VBST switching status
0h
VBST switching node is not switching
1h
VBST switching node is switching
13
VBST_ACTIVE_S
Real-time information
Real-time status of VBST_FB pin
0h
VBST_FB pin voltage VBST > VBST_UV_TH
1h
VBST_FB pin voltage VBST < VBST_UV_TH
12
VBSTFB_UV_S
Real-time information
Real-time status of WAKE2 pin
0h
WAKE2 is low (VIL_WAKEx)
1h
WAKE2 is high (VIH_WAKEx)
11
WK2_S
Real-time information
Real-time status of WAKE1 pin
0h
WAKE1 is low (VIL_WAKEx)
1h
WAKE1 is high (VIH_WAKEx)
10
WK1_S
Real-time information
GPIO2 pin status
0h
GPIO2 is low (VIL_GPIOx)
1h
GPIO2 is high (VIH_GPIOx)
9
GPIO2_S
Real-time information
GPIO1 pin status
0h
GPIO1 is low (VIL_GPIOx)
1h
GPIO1 is high (VIH_GPIOx)
8
GPIO1_S
Real-time information
7
VREF_S
Real time status of VREF regulator
Table 21. M_STATUS register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
45 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com