Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 94 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 90Page - NXP Semiconductors FS26 Datasheet HTML 91Page - NXP Semiconductors FS26 Datasheet HTML 92Page - NXP Semiconductors FS26 Datasheet HTML 93Page - NXP Semiconductors FS26 Datasheet HTML 94Page - NXP Semiconductors FS26 Datasheet HTML 95Page - NXP Semiconductors FS26 Datasheet HTML 96Page - NXP Semiconductors FS26 Datasheet HTML 97Page - NXP Semiconductors FS26 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
18.3 VBST: boost controller
The VBST block is an asynchronous, current mode boost controller. VBST works in forced PWM mode. The
output voltage is configurable by OTP and the switching frequency is 450 kHz. A peak overcurrent detection
is implemented using the voltage sensed across RSNS_BST. The overcurrent detection can be selected with
VBST_ILIM_OTP[1:0] bitfield and the value is equal to VBST_ILIM_TH divided by RSNS_BST.
When the VBST_FB pin is disconnected, by means of VBST_FB < VBST_UV_TH, the boost controller is stopped
after tBST_UVOV. VBST will restart automatically when VBST_FB > VBST_UV_TH.
A maximum duty cycle protection is implemented in order to protect the boost controller in case of bad
component selection.
Two boost topologies (front-end and back-end) are supported:
1.
In front-end mode (VBST_CFG_OTP = 0):
When VBST is used as the front-end supply, the battery voltage (VBAT) is applied at the input of the boost
controller. During normal operation with VSUP > VBST, the boost controller stops switching and operates in
Pass-Through mode. When VSUP drops below the VBST regulation threshold, the boost controller will start
switching to regulate the VSUP node to VBST.
NXP recommends setting the VBST output voltage between 6 V and 10 V maximum, to supply VPRE with
enough headroom during cranking pulses. If a higher output voltage is required for the application, the boost
should be used in back-end mode.
In the front-end configuration, VBST_OV_OTP must be set to 0 (Auto-enable). In Auto-enable mode, VBST
will stop switching automatically when VBST > VBST_OV_TH, and will resume switching when VBST drops
below VBST_OTP.
In the front-end configuration, the boost will be enabled only during cranking events. To avoid a latent fault,
the VBST_TMD bit can be used to force VBST to regulate at 17 V, no matter what the battery voltage is.
This allows verification of VBST availability using the VBST_S status flag.
An open drain output pin called VBST_PG is available to indicate the boost controller activity. This open
drain pin should be connected externally to the VDDIO voltage through a resistor. When VBST_PG is
high (open drain OFF) it indicates that the boost controller is switching. When VBST is operating in pulse
skipping mode, VBST_PG behavior may not be guaranteed. When VBST_PG is low (open drain ON) it
indicates that the boost controller is not switching or disabled.
The VBST current limitation is sensed at the input and therefore the current capability can be estimated
depending on VBST_IN, the VBST voltage configuration and the external components (LBST, RSNS_BST, DBST).
As an example, Table 102 summarizes the maximum current capability during a cranking operation using
LBST = 4.7 µH and the recommended RSNS_BST for COUT_BST = 40 µF.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
94 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com