Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 37 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 33Page - NXP Semiconductors FS26 Datasheet HTML 34Page - NXP Semiconductors FS26 Datasheet HTML 35Page - NXP Semiconductors FS26 Datasheet HTML 36Page - NXP Semiconductors FS26 Datasheet HTML 37Page - NXP Semiconductors FS26 Datasheet HTML 38Page - NXP Semiconductors FS26 Datasheet HTML 39Page - NXP Semiconductors FS26 Datasheet HTML 40Page - NXP Semiconductors FS26 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
• Bit 24: Read/Write (for reading bit 24 = 0; for writing bit 24 = 1)
• Bits 23 to 8: Control bits
• Bits 7 to 0: Cyclic redundant check (CRC)
MISO (Main In, Secondary Out) bits:
• Bits 31 to 24: General device status (see Table 12)
• Bits 23 to 8: Extended device status, or device internal control register content or device flags
• Bits 7 to 0: Cyclic redundant check (CRC)
The digital SPI pins (CSB, SCLK, MOSI, MISO) are referenced to VDDIO.
The MCU is the primary driving MOSI and FS26 is the secondary driving MISO. The MISO data is latched
at the SCLK rising edge and MOSI data is latched at the SCLK falling edge, MSB first. In a write command,
MISO[23:8] bits are the previous register bits and MISO[7:0] is the CRC of the message sent by the FS26. In a
read command, MOSI[23:8] bits are all 0 and MOSI[7:0] is the CRC of the message sent by the MCU. Figure 20
and Figure 21 describe the SPI communication protocol for writing data into the FS26 or reading data from the
FS26.
The FS_EN bit is set high as soon as the fail-safe state machine enters Enable monitoring state. The bit
remains enabled during the normal operation until the system has successfully moved into any of the low power
states.
In all other states, FS_EN = 0.
The M_AVAL bit is set high as soon as the main state machine is in normal mode state. In all other states, this
bit is set to 0.
aaa-045511
MOSI
MISO
M/FS
REG_ADDRESS [5:0]
B31
M_AVAL
B30
FS_EN
B29
FS_G
B28
COM_G
B27
WIO_G
B26
VSUP_G
B25
REG_G
B24
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
R/W
DATA_MSB[7:0]
DATA_LSB[7:0]
CRC[7:0]
CRC[7:0] - response
TSD_G
Figure 20. SPI write operation protocol
 
aaa-045512
MOSI
MISO
M/FS
REG_ADDRESS [5:0]
B31
M_AVAL
B30
FS_EN
B29
FS_G
B28
COM_G
B27
WIO_G
B26
VSUP_G
B25
REG_G
B24
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
R/W
READ_DATA_MSB[7:0]
READ_DATA_LSB[7:0]
CRC[7:0]
CRC[7:0] - response
TSD_G
Figure 21. SPI read operation protocol
Bit
Symbol
Description
Device domain access
0
Main domain register map
31
M/FS
1
Fail-safe domain register map
Register address
30 to 25
REG_ADDESS[5:0]
See Table 15 for main domain register mapping
Operation requested
0
Read
24
R/W
1
Write
23 to 8
DATA[15:0]
Register data
7 to 0
CRC[7:0]
Cyclic redundancy check data sent by MCU
Table 11. MOSI general bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
37 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com