Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 76 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 72Page - NXP Semiconductors FS26 Datasheet HTML 73Page - NXP Semiconductors FS26 Datasheet HTML 74Page - NXP Semiconductors FS26 Datasheet HTML 75Page - NXP Semiconductors FS26 Datasheet HTML 76Page - NXP Semiconductors FS26 Datasheet HTML 77Page - NXP Semiconductors FS26 Datasheet HTML 78Page - NXP Semiconductors FS26 Datasheet HTML 79Page - NXP Semiconductors FS26 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
2Bh
5.35 V
2Ch
5.40 V
2Dh
5.45 V
2Eh
5.50 V
2Fh
5.55 V
30h
5.60 V
31h
5.65 V
32h
5.70 V
33h
5.75 V
34h
5.80 V
35h
5.85 V
36h
5.90 V
37h
5.95 V
38h
6.00 V
39h
6.05 V
3Ah
6.10 V
3Bh
6.15 V
3Ch
6.20 V
3Dh
6.25 V
3Eh
6.30 V
3Fh
6.35 V
Table 80. OTP_VPRE_VOLT1 register bit description...continued
Go to main OTP configuration map
17.2.13 OTP_VPRE_VOLT2
Bit
Bit Group Name
Description
Value
Settings
0h
22 mV/µs
1h
11 mV/µs
2h
5.5 mV/µs
7 to 6
VPRE_LP_DVS_OTP[1:0]
VPRE DVS ramp rate
VPRE_DVS_DOWN
3h
2.75 mV/µs
0Ah
3.70 V
0Bh
3.75 V
0Ch
3.80 V
0Dh
3.85 V
0Eh
3.90 V
0Fh
3.95 V
10h
4.00 V
11h
4.05 V
12h
4.10 V
13h
4.15 V
14h
4.20 V
15h
4.25 V
16h
4.30 V
5 to 0
VPRE_LP_OTP[5:0]
VPRE output voltage in standby mode
VPRE_PFM
17h
4.35 V
Table 81. OTP_VPRE_VOLT2 register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
76 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com