Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 87 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 83Page - NXP Semiconductors FS26 Datasheet HTML 84Page - NXP Semiconductors FS26 Datasheet HTML 85Page - NXP Semiconductors FS26 Datasheet HTML 86Page - NXP Semiconductors FS26 Datasheet HTML 87Page - NXP Semiconductors FS26 Datasheet HTML 88Page - NXP Semiconductors FS26 Datasheet HTML 89Page - NXP Semiconductors FS26 Datasheet HTML 90Page - NXP Semiconductors FS26 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
18.2 VPRE: high-voltage buck regulator
The VPRE block is a high-voltage integrated synchronous buck. It operates in forced PWM or PFM modes, and
uses internal FETs. The output voltage and the switching frequency (450 kHz or 2.25 MHz) are configurable by
OTP. Compensation is ensured by internal circuitry.
VPRE can be used to supply VCORE, LDO1, LDO2, TRK1, TRK2, VREF, and the VBST. VPRE can also supply
local loads inside the ECU.
At startup, VPRE soft start can be configured through VPRE_SS_OTP[1:0] bits. In case VPRE is supplied by a
pre-regulator (not FS26 VBST), the slowest soft start must be used VPRE_SS_OTP[1:0] = 11.
VPRE operates in PWM (pulse width modulation) when the FS26 is in normal mode and in PFM (pulsed
frequency modulation) when the FS26 is in standby mode. The transition from PWM mode to PFM mode is
ensured by a controlled DVS down ramp configurable by OTP (VPRE_DVS_DOWN).
The current in the inductor is sensed through both high-side and low-side switches. The output DC current
is then deducted for internal treatment. When the current in the inductor is rising above the IPRE_OC_FLAG
threshold, the SPI bit VPREOC_I is set. This overcurrent detection does not affect VPRE regulation.
VPRE has a DC current limitation protection feature ILIM_PRE. When VPRE reaches its current limitation, it
induces a duty cycle reduction and therefore an output voltage drop. If the overcurrent disappears before
reaching VPRE_UVL, the regulator restarts by doing a soft start toward its nominal output voltage.
To protect the circuitry that is supplied by the VPRE power rail, an additional overvoltage protection is integrated
in the main domain. If VPRE_PWM > VPRE_OVP for a time longer than tPRE_OVP, the FS26 goes directly into the
Deep Fail Safe state.
VPRE_IN (VSUP_PWR) must be above VPRE_PWM + VPRE_HDR to guarantee VPRE output voltage regulation and its
trip level. It can be configured through the VPRE_OC_OTP[2:0] bits.
A thermal shutdown protection is integrated to protect the internal MOSFETs from damage. In case of a TSD
event, a pull-down resistor (RPRE_DIS) is enabled to discharge VPRE output capacitors.
The transition from normal mode to LPOFF mode is ensured by a controlled DVS down ramp (VPRE_DVS_DOWN)
until VPRE is disabled. A power down delay can be configured through VPRE_PDWN_DLY_OTP[1:0]
bit to avoid immediate restart. The delay is executed as soon as VPRE DVS down is completed. VPRE
regulator is not intended to restart with residual voltage. Therefore, when VPRE is operating at 2.25 MHz,
VPRE_PDWN_DLY_OTP[1:0] bit must be configured according to NXP recommendations, as shown in
Table 99.
ASIL level
VBST configuration
@VPRE_PDWN_DLY_OTP[1:0]
Front-end
—
D
Back-end / not used
≥ 1 ms
Front-end
≥ 2 ms
B
Back-end / not used
5 ms
Table 99. VPRE power-down delay configuration when FPRE = 2.25 MHz
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
87 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com