Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 74 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 70Page - NXP Semiconductors FS26 Datasheet HTML 71Page - NXP Semiconductors FS26 Datasheet HTML 72Page - NXP Semiconductors FS26 Datasheet HTML 73Page - NXP Semiconductors FS26 Datasheet HTML 74Page - NXP Semiconductors FS26 Datasheet HTML 75Page - NXP Semiconductors FS26 Datasheet HTML 76Page - NXP Semiconductors FS26 Datasheet HTML 77Page - NXP Semiconductors FS26 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
2h
975 kΩ
3h
812 kΩ
4h
650 kΩ
5h
512 kΩ
6h
325 kΩ
7h
162 kΩ
0h
12.0 pF
1h
23.0 pF
2h
33.5 pF
3 to 2
VPRE_CCOMP_OTP[1:0]
VPRE comp capacitor
3h
44.5 pF
0h
10 µS
1h
15 µS
2h
20 µS
1 to 0
VPRE_GM_OTP[1:0]
VPRE transconductance amp
3h
25 µS
Table 77. OTP_VPRE_CFG2 register bit description...continued
Go to main OTP configuration map
17.2.10 OTP_VPRE_CFG3
Bit
Bit Group Name
Description
Value
Settings
0h
250 µs
1h
500 µs
2h
1000 µs
7 to 6
VPRE_OC_DGLT_OTP[1:0]
VPRE overcurrent deglitch
3h
2000 µs
2Ah
279 mV/µs
2Bh
266 mV/µs
2Ch
254 mV/µs
2Dh
241 mV/µs
2Eh
228 mV/µs
2Fh
214 mV/µs
30h
201 mV/µs
31h
189 mV/µs
32h
176 mV/µs
5 to 0
VPRE_SC_OTP[5:0]
VPRE slope compensation
33h
163 mV/µs
Table 78. OTP_VPRE_CFG3 register bit description
Go to main OTP configuration map
17.2.11 OTP_VPRE_CFG4
Bit
Bit Group Name
Description
Value
Settings
7
VPRETSD_PD_OTP
VPRE TSD pull-down
0h
pull-down enabled in TSD
0h
VPRE disabled only
6
VPRETDFS_OTP
VPRE TSD behavior
Default value of VPRETDFS
1h
Go to DFS
0h
FOSC_HIGH / 40
5
VPRE_CLK_OTP
VPRE clock selection
FPRE
1h
FOSC_HIGH / 8
Table 79. OTP_VPRE_CFG4 register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
74 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com