Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 88 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 84Page - NXP Semiconductors FS26 Datasheet HTML 85Page - NXP Semiconductors FS26 Datasheet HTML 86Page - NXP Semiconductors FS26 Datasheet HTML 87Page - NXP Semiconductors FS26 Datasheet HTML 88Page - NXP Semiconductors FS26 Datasheet HTML 89Page - NXP Semiconductors FS26 Datasheet HTML 90Page - NXP Semiconductors FS26 Datasheet HTML 91Page - NXP Semiconductors FS26 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
VPRE
VPRE
VPRE_IN
COUT_PRE
CBOOT_PRE
LPRE
CIN_PRE
aaa-045465
Figure 24. VPRE schematic with connection to VSUP
18.2.1 VPRE electrical characteristics
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static Electrical Characteristics
VPRE_IN
Input voltage range
With IPRE_PWM ≤ 1.5 A and VBOS = 5 V
VPRE_PWM
+ VPRE_HDR
—
36
V
Input voltage headroom range, 600 mA < IPRE_PWM ≤ 1.5 A
(Max RHS_PRE
+ Max RDCR_
LPRE) x
IPRE_PWM x 1.25
—
—
V
VPRE_HDR
Input voltage headroom range, IPRE_PWM ≤ 600 mA
400
—
—
mV
VPRE_PWM
Output voltage in normal mode
(VPRE_OTP[5:0] configuration, 50 mV step)
3.7
—
6.35
V
VPRE_PFM
Output voltage in standby mode
(VPRE_LP_OTP[5:0] configuration, 50 mV step)
3.7
—
5.35
V
VPRE_ACC_PWM
Output voltage accuracy in PWM mode for IPRE_PWM ≤ 1.5 A
-2
—
2
%
VPRE_ACC_PFM_150m [1]
Output voltage accuracy in PFM mode
10 mA ≤ IPRE_PFM ≤ 100 mA
VSUP = VSUP_PWR = 12 V
VPRE_PFM = 3.7 V
VPRE_PFM_TON_OTP[1:0] = 10
COUT_PRE ≥ 20 µF (effective value)
LPRE = 2.2 µH at FPRE = 2.25 MHz and LPRE = 10 µH at FPRE = 450
kHz
-4
—
4
%
VPRE_ACC_PFM_10m[1]
Output voltage accuracy in PFM mode
IPRE_PFM ≤ 10 mA
VSUP = VSUP_PWR = 12 V
VPRE_PFM = 5.05 V
VPRE_PFM_TON_OTP[1:0] = 10
COUT_PRE ≥ 20 µF (effective value)
LPRE = 2.2 µH at FPRE = 2.25 MHz and LPRE = 10 µH at FPRE = 450
kHz
-1.5
—
1.5
%
IPRE_PWM
Output current capability in PWM mode
—
—
1.5
A
IPRE_PFM
Current capability in PFM mode (standby mode only)
—
—
150
mA
ηPRE_PWM_PEAK
Efficiency in PWM mode
COUT_PRE = 22 µF with ESR = 2 mΩ
LPRE = 10 µH with RDCR_LPRE = 60 mΩ
FPRE = 450 kHz
VSUP = VSUP_PWR = 12 V
VPRE_PWM = 5.4 V with IPRE_PWM = 600 mA
—
95
—
%
Table 100. VPRE electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
88 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com