Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 75 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 71Page - NXP Semiconductors FS26 Datasheet HTML 72Page - NXP Semiconductors FS26 Datasheet HTML 73Page - NXP Semiconductors FS26 Datasheet HTML 74Page - NXP Semiconductors FS26 Datasheet HTML 75Page - NXP Semiconductors FS26 Datasheet HTML 76Page - NXP Semiconductors FS26 Datasheet HTML 77Page - NXP Semiconductors FS26 Datasheet HTML 78Page - NXP Semiconductors FS26 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
3 to 2
VPRE_PFM_TOFF_OTP[1:0]
VPRE high-side minimum off time in PFM
tPRE_OFF_MIN
2h
720 ns
0h
900 ns / 440 ns
1h
1000 ns / 500 ns
2h
1125 ns / 550 ns
1 to 0
VPRE_PFM_TON_OTP[1:0]
VPRE high-side minimum on time in PFM
tPRE_ON_MIN_450K / tPRE_ON_MIN_2M2
3h
1250 ns / 600 ns
Table 79. OTP_VPRE_CFG4 register bit description...continued
Go to main OTP configuration map
17.2.12 OTP_VPRE_VOLT1
Bit
Bit Group Name
Description
Value
Settings
0Ah
3.70 V
0Bh
3.75 V
0Ch
3.80 V
0Dh
3.85 V
0Eh
3.90 V
0Fh
3.95 V
10h
4.00 V
11h
4.05 V
12h
4.10 V
13h
4.15 V
14h
4.20 V
15h
4.25 V
16h
4.30 V
17h
4.35 V
18h
4.40 V
19h
4.45 V
1Ah
4.50 V
1Bh
4.55 V
1Ch
4.60 V
1Dh
4.65 V
1Eh
4.70 V
1Fh
4.75 V
20h
4.80 V
21h
4.85 V
22h
4.90 V
23h
4.95 V
24h
5.00 V
25h
5.05 V
26h
5.10 V
27h
5.15 V
28h
5.20 V
29h
5.25 V
5 to 0
VPRE_OTP[5:0]
VPRE output voltage in normal mode
VPRE_PWM
2Ah
5.30 V
Table 80. OTP_VPRE_VOLT1 register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
75 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com