Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 153 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 148Page - NXP Semiconductors FS26 Datasheet HTML 149Page - NXP Semiconductors FS26 Datasheet HTML 150Page - NXP Semiconductors FS26 Datasheet HTML 151Page - NXP Semiconductors FS26 Datasheet HTML 152Page - NXP Semiconductors FS26 Datasheet HTML 153Page - NXP Semiconductors FS26 Datasheet HTML 154Page - NXP Semiconductors FS26 Datasheet HTML 155Page - NXP Semiconductors FS26 Datasheet HTML 156Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 153 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Tab. 103. Maximum VBST output current in back-
end configuration for an input average
current of 500 mA (DCBST_MAX = 87.5 %,
Efficiency = 85 %) ...........................................96
Tab. 104. VBST electrical characteristics ........................96
Tab. 105. VBST efficiency measurement settings ...........98
Tab. 106. VCORE electrical characteristics ...................100
Tab. 107. VCORE efficiency measurement settings ......102
Tab. 108. LDOx Electrical characteristics ......................105
Tab. 109. VREF electrical characteristics ......................107
Tab. 110. TRKx Electrical characteristics ......................109
Tab. 111. Switching clock assignment .......................... 111
Tab. 112. Manual frequency tuning configuration ..........111
Tab. 113. Clock management electrical
characteristics ................................................112
Tab. 114. AMUX output selection ..................................113
Tab. 115. AMUX Electrical characteristics .................... 114
Tab. 116. Electrical characteristics ................................116
Tab. 117. GPIO mode configuration ..............................116
Tab. 118. GPIO Active High mode behavior summary .. 118
Tab. 119. GPIO Active Low mode behavior summary ...120
Tab. 120. GPIO electrical characteristics ...................... 122
Tab. 121. List of Interrupt sources from Main logic ........123
Tab. 122. List of Interrupt sources from the fail-safe
domain ...........................................................124
Tab. 123. INTB Electrical characteristics .......................125
Tab. 124. long duration timer characteristics .................126
Tab. 125. Long Duration Timer functions ...................... 127
Tab. 126. Electrical characteristics ................................131
Tab. 127. OTP configurations ........................................136
Tab. 128. Package mechanical dimensions .................. 141
Tab. 129. References .................................................... 148
Tab. 130. Revision history .............................................149
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
153 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com