Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 154 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 154 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 148Page - NXP Semiconductors FS26 Datasheet HTML 149Page - NXP Semiconductors FS26 Datasheet HTML 150Page - NXP Semiconductors FS26 Datasheet HTML 151Page - NXP Semiconductors FS26 Datasheet HTML 152Page - NXP Semiconductors FS26 Datasheet HTML 153Page - NXP Semiconductors FS26 Datasheet HTML 154Page - NXP Semiconductors FS26 Datasheet HTML 155Page - NXP Semiconductors FS26 Datasheet HTML 156Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 154 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Figures
Fig. 1.
Functional block diagram .................................. 4
Fig. 2.
Example of application diagram with VBST
as a front-end regulator .................................... 7
Fig. 3.
Example of application diagram with VBST
as a back-end regulator .................................... 8
Fig. 4.
Part number breakdown ....................................9
Fig. 5.
Part number mapping versus features set .........9
Fig. 6.
Block diagram of the FS26 ..............................14
Fig. 7.
Pin assignment in LQFP48 package with
exposed pad ....................................................15
Fig. 8.
Input voltage range in normal mode ................23
Fig. 9.
Input voltage range in standby mode and
LPOFF mode () ...............................................24
Fig. 10.
Battery current consumption in standby
mode (LDO1 and LDO2 disabled) ...................26
Fig. 11.
LDOx current consumption in standby
mode ............................................................... 26
Fig. 12.
Total battery current consumption in
standby mode ..................................................27
Fig. 13.
Battery current consumption in standby
mode with VPRE_PFM = 3.70 V or 5.35 V
and LDOx disabled ......................................... 28
Fig. 14.
Application flowchart ....................................... 31
Fig. 15.
Input topology: front-end boost controller ........ 32
Fig. 16.
Input topology: direct VSUP connection .......... 32
Fig. 17.
Power-up example with VBST as front-end
supply .............................................................. 34
Fig. 18.
Power-up example with direct battery
supply .............................................................. 35
Fig. 19.
Power-down example with VBST as front-
end supply .......................................................36
Fig. 20.
SPI write operation protocol ............................37
Fig. 21.
SPI read operation protocol ............................ 37
Fig. 22.
CRC encoder example ....................................39
Fig. 23.
SPI timing diagram ..........................................41
Fig. 24.
VPRE schematic with connection to VSUP ..... 88
Fig. 25.
VPRE efficiency at VPRE_CLK_OTP = 0 ........92
Fig. 26.
VPRE efficiency at VPRE_CLK_OTP = 1 ........93
Fig. 27.
VBST schematic with configuration from
VPRE ...............................................................96
Fig. 28.
VBST efficiency in back-end mode ................. 99
Fig. 29.
VCORE schematic ........................................ 100
Fig. 30.
VCORE efficiency ..........................................103
Fig. 31.
LDOx block diagram ......................................104
Fig. 32.
VREF block diagram ..................................... 107
Fig. 33.
TRK1 and TRK2 block diagram .................... 109
Fig. 34.
Clock management block diagram ................ 111
Fig. 35.
Clock phase shifting examples ......................112
Fig. 36.
AMUX block diagram .................................... 113
Fig. 37.
WAKEx pin block diagram .............................115
Fig. 38.
GPIO1 block diagram ....................................117
Fig. 39.
GPIO2 block diagram ....................................117
Fig. 40.
GPIO low-side active high operation.
GPIOx_MODE_OTP = 0 ............................... 118
Fig. 41.
GPIO High-side Active High operation.
GPIOx_MODE_OTP = 0 ............................... 119
Fig. 42.
GPIO Push-pull Active High operation.
GPIOx_MODE_OTP = 0 ............................... 120
Fig. 43.
GPIO low-side driver Active Low operation.
GPIOx_MODE_OTP = 1 ............................... 121
Fig. 44.
VCORE PGOOD load switch ........................ 122
Fig. 45.
Long Duration Timer block diagram .............. 125
Fig. 46.
Long Duration Timer functions ...................... 128
Fig. 47.
Long duration timer state machine ................129
Fig. 48.
OTP mode time chart ....................................130
Fig. 49.
Debug mode time chart .................................131
Fig. 50.
OTP mode flowchart until safety outputs
release ...........................................................132
Fig. 51.
Debug mode flowchart until safety outputs
release ...........................................................133
Fig. 52.
Application schematic in front-end
configuration for FPRE = 450 kHz .................134
Fig. 53.
Application schematic in back-end
configuration for FPRE = 450 kHz .................135
Fig. 54.
SOT1571-6 ....................................................142
Fig. 55.
Package outline details (SOT1571-6) ............143
Fig. 56.
Package outline notes (SOT1571-6) ............. 144
Fig. 57.
PCB design guidelines - solder mask
opening pattern (SOT1571-6) ....................... 145
Fig. 58.
PCB design guidelines - I/O pads and
solderable area (SOT1571-6) ........................146
Fig. 59.
PCB design guidelines - solder paste
stencil (SOT1571-6) ...................................... 147
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
154 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com