Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 101 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 97Page - NXP Semiconductors FS26 Datasheet HTML 98Page - NXP Semiconductors FS26 Datasheet HTML 99Page - NXP Semiconductors FS26 Datasheet HTML 100Page - NXP Semiconductors FS26 Datasheet HTML 101Page - NXP Semiconductors FS26 Datasheet HTML 102Page - NXP Semiconductors FS26 Datasheet HTML 103Page - NXP Semiconductors FS26 Datasheet HTML 104Page - NXP Semiconductors FS26 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise
specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
CORE_ILIM_OTP[1:0] = 01, 10 or 11
1.15
1.7
2.3
VCORE inductor peak current limitation for FS262x and FS263x
ICORE_PEAK_1A65
CORE_ILIM_OTP[1:0] = 00
CORE_ILIM_OTP[1:0] = 01
CORE_ILIM_OTP[1:0] = 10
CORE_ILIM_OTP[1:0] = 11
0.9
1.15
2.0
2.5
1.4
1.7
2.7
3.4
1.9
2.2
3.4
4.3
A
ηCORE_PEAK
Peak efficiency in PWM mode
VPRE_PWM = 5.5 V, VCORE = 1.5 V, ICORE = 800 mA
LCORE = 1 µH with DCR = 30 mΩ
COUT_CORE = 20 µF (effective capacitance)
—
87
—
%
RHS_CORE
High-side on-resistance
(VBOS = 5 V, including bonding)
—
75
150
mΩ
RLS_CORE
Low-side on-resistance
(VBOS = 5 V, including bonding)
—
75
150
mΩ
RCORE_DIS
Discharge resistor (when VCORE is disabled – LP OFF)
50
100
200
Ω
TSDCORE
Thermal shutdown threshold
175
—
—
°C
TSDCORE_HYS
Thermal shutdown threshold hysteresis
5
—
12
°C
Dynamic electrical characteristics
Dead time to avoid cross conduction
tVCORE_DEAD
COREHS_SR_OTP[1:0] = 01
COREHS_SR_OTP[1:0] = 10
COREHS_SR_OTP[1:0] = 00 or 11
10
5
5
—
—
—
40
30
25
ns
Switching node slew rate (rising)
tCORESW_HSSRR[1]
COREHS_SR_OTP[1:0] = 00
COREHS_SR_OTP[1:0] = 01
COREHS_SR_OTP[1:0] = 10
COREHS_SR_OTP[1:0] = 11
2.5
2
2.25
2.5
5
4
4.5
5
—
—
—
—
V/ns
Switching node slew rate (falling)
tCORESW_HSSRF[1]
COREHS_SR_OTP[1:0] = 00
COREHS_SR_OTP[1:0] = 01
COREHS_SR_OTP[1:0] = 10
COREHS_SR_OTP[1:0] = 11
1
0.25
0.5
1
2.2
0.6
1.2
2.2
—
—
—
—
V/ns
Soft start ramp rate from 10 % to 90 % (DVS up and down)
VCORE_SS
CORE_SS_OTP[1:0] = 00
CORE_SS_OTP[1:0] = 01
CORE_SS_OTP[1:0] = 10
CORE_SS_OTP[1:0] = 11 (COUT_CORE < 80 μF nominal)
2
4
8
16
2.5
5
10
20
3
6
12
24
mV/µs
VCORE_LOTR1
Transient load response for VCORE ≥ 1.0 V
10 mA to 800 mA step and 800 mA to 10 mA step
with di/dt = 300 mA/µs, COUT_CORE ≥ 22 µF, LCORE = 1.0 µH
-3
—
3
%
VCORE_LOTR2
Transient load response for VCORE ≤ 1.0 V
10 mA to 800 mA step and 800 mA to 10 mA step
with di/dt = 300 mA/µs, COUT_CORE ≥ 40 µF, LCORE = 1.0 µH
-30
—
30
mV
FCORE
Operating frequency in PWM mode
2.0
2.25
2.50
MHz
tCORE_ONOFF_MIN_P
HS minimum ON and OFF time in peak current mode
10
45
72
ns
Table 106. VCORE electrical characteristics...continued
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
101 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com