Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 140 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 136Page - NXP Semiconductors FS26 Datasheet HTML 137Page - NXP Semiconductors FS26 Datasheet HTML 138Page - NXP Semiconductors FS26 Datasheet HTML 139Page - NXP Semiconductors FS26 Datasheet HTML 140Page - NXP Semiconductors FS26 Datasheet HTML 141Page - NXP Semiconductors FS26 Datasheet HTML 142Page - NXP Semiconductors FS26 Datasheet HTML 143Page - NXP Semiconductors FS26 Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
VREF_PLIFT_DIS_OTP
VREF pin lift detection
VREF pin lift
detection enabled
VREF pin lift
detection enabled
VREF pin lift
detection enabled
VREF pin lift
detection enabled
VREF pin lift
detection enabled
VREF pin lift
detection enabled
VMON_EXT_OVTH_OTP[3:0]
VMON_EXT overvoltage threshold
104.50 %
110.00 %
110.00 %
105.00 %
105.00 %
110.00 %
VMON_EXT_UVTH_OTP[3:0]
VMON_EXT undervoltage threshold
95.50 %
95.00 %
90 %
95.00 %
95.00 %
90 %
VMON_EXT_OVDGLT_OTP
VMON_EXT overvoltage deglitch
45 μs
45 μs
45 μs
45 μs
45 μs
45 μs
VMON_EXT
configuration
VMON_EXT_UVDGLT_OTP[1:0]
VMON_EXT undervoltage deglitch
40 μs
40 μs
40 μs
25 μs
40 μs
40 μs
ABIST1_VPRE_EN_OTP
ABIST1 on VMON_PRE
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1_VCORE_EN_OTP
ABIST1 on VMON_CORE
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1_LDO1_EN_OTP
ABIST1 on VMON_LDO1
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1_LDO2_EN_OTP
ABIST1 on VMON_LDO2
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1_TRK1_EN_OTP
ABIST1 on VMON_TRK1
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1_TRK2_EN_OTP
ABIST1 on VMON_TRK2
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 disabled
ABIST1 enabled
ABIST1_VREF_EN_OTP
ABIST1 on VMON_REF
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1
configuration
ABIST1_EXT_EN_OTP
ABIST1 on VMON_EXT
ABIST1 disabled
ABIST1 enabled
ABIST1 enabled
ABIST1 enabled
ABIST1 disabled
ABIST1 enabled
FAULT_DFS_EN_OTP
DFS entry mode
Go to DFS when FLT_
ERR_CNT = max
Go to DFS when FLT_
ERR_CNT = max
Go to DFS when FLT_
ERR_CNT = max
Go to DFS when FLT_
ERR_CNT = max
Go to DFS when FLT_
ERR_CNT = max
Go to DFS when FLT_
ERR_CNT = max
FS1B_FS0B_EN_OTP
FS1B assertion mode
Delayed assertion
disabled
Delayed
assertion enabled
Delayed
assertion enabled
Delayed
assertion enabled
Delayed assertion
disabled
Delayed
assertion enabled
PRE_RSTB_DLY_EN_OTP
RSTB delay from FS0B
0 μs
100 μs
0 μs
100 μs
0 μs
0 μs
DIS8S_DIS_OTP
RSTB low detection timer
Timer disabled
8 second timer enabled
8 second timer enabled
8 second timer enabled
8 second timer enabled
8 second timer enabled
WD_DIS_OTP
Watchdog timer
Watchdog timer enabled Watchdog timer enabled Watchdog timer enabled Watchdog timer enabled Watchdog timer enabled Watchdog timer enabled
LBIST_STDBY_OTP[7:0]
Bypass LBIST from standby mode
Always perform LBIST
Always perform LBIST
Always perform LBIST
Always perform LBIST
Always perform LBIST
Always perform LBIST
MDFS_DIS_OTP
Main DFS availability
Deep Fail Safe available Deep Fail Safe available Deep Fail Safe available Deep Fail Safe available Deep Fail Safe available Deep Fail Safe available
System safety
configuration
DFS_DIS_OTP
Deep Fail Safe state availability
Deep Fail Safe available Deep Fail Safe available Deep Fail Safe available Deep Fail Safe available Deep Fail Safe available Deep Fail Safe available
PROG_IDH_OTP[7:0]
Program ID high
A
A
A
A
A
D
OTP ID
PROG_IDL_OTP[7:0]
Program ID low
2
3
4
6
B
C
VMON_EXT_DIS_VOTP
External monitor
VMON disabled
VMON enabled
VMON enabled
VMON enabled
VMON enabled
VMON enabled
FCCU_DIS_VOTP
FCCU function
FCCU available
FCCU available
FCCU available
FCCU available
FCCU available
FCCU available
FS versioning bits
ERRMON_DIS_VOTP
ERRMON function
ERRMON not available
ERRMON available
ERRMON not available
ERRMON available
ERRMON not available
ERRMON not available
Table 127. OTP configurations...continued
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
140 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com