Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 137 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 133Page - NXP Semiconductors FS26 Datasheet HTML 134Page - NXP Semiconductors FS26 Datasheet HTML 135Page - NXP Semiconductors FS26 Datasheet HTML 136Page - NXP Semiconductors FS26 Datasheet HTML 137Page - NXP Semiconductors FS26 Datasheet HTML 138Page - NXP Semiconductors FS26 Datasheet HTML 139Page - NXP Semiconductors FS26 Datasheet HTML 140Page - NXP Semiconductors FS26 Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
WK1PD_OTP
WAKE1 pull-down
Pull-down enabled
Pull-down enabled
Pull-down enabled
Pull-down enabled
Pull-down enabled
Pull-down enabled
WK2PD_OTP
WAKE2 pull-down
Pull-down enabled
Pull-down enabled
Pull-down enabled
Pull-down enabled
Pull-down enabled
Pull-down enabled
WK1PD_SEL_OTP
WAKE1 pull-down selection
200 kΩ
200 kΩ
200 kΩ
10 kΩ
200 kΩ
200 kΩ
WK2PD_SEL_OTP
WAKE2 pull-down selection
200 kΩ
200 kΩ
200 kΩ
200 kΩ
200 kΩ
200 kΩ
VPRE_OTP[5:0]
VPRE in normal mode
6.00 V
5.40 V
6.00 V
6.00 V
6.00 V
6.00 V
VPRE_LP_OTP[5:0]
VPRE in standby mode
5.35 V
5.35 V
5.35 V
5.35 V
5.35 V
5.35 V
VPRE_LP_DVS_OTP[1:0]
DVS ramp rate
22 mV/μs
22 mV/μs
22 mV/μs
22 mV/μs
22 mV/μs
22 mV/μs
VPRE_OC_OTP[2:0]
VPRE overcurrent flag
2.2 A
1.54 A
2.2 A
1.54 A
2.2 A
2.2 A
VPRE_OC_DGLT_OTP[1:0]
Overcurrent deglitch
2000 μs
250 μs
2000 μs
250 μs
2000 μs
2000 μs
VPRE_SS_OTP[1:0]
Soft-start ramp
2150 μs
538 μs
2150 μs
269 μs
2150 μs
2150 μs
VPRE_PDWN_DLY_OTP[1:0]
VPRE power-down delay
100 μs
100 μs
100 μs
100 μs
100 μs
100 μs
VPRE_BOS_OTP[5:0]
VPRE transition voltage
5.35 V
5.35 V
5.35 V
5.35 V
5.35 V
5.35 V
VPRE_PH_OTP[1:0]
VPRE phase delay
No delay
No delay
No delay
No delay
No delay
No delay
VPRE_SR_OTP
VPRE SW slew rate
Fast mode
Fast mode
Slow mode
Fast mode
Fast mode
Slow mode
VPRE_GM_OTP[1:0]
Transconductance amp
15 µS
15 µS
15 µS
15 µS
15 µS
15 µS
VPRE_CCOMP_OTP[1:0]
Comp capacitance
12.0 pF
23.0 pF
12.0 pF
12.0 pF
12.0 pF
12.0 pF
VPRE_RCOMP_OTP[2:0]
Comp resistance
1300 kΩ
1137 kΩ
1300 kΩ
1300 kΩ
1300 kΩ
1300 kΩ
VPRE_SC_OTP[5:0]
Slope compensation
266 mV/μs
266 mV/μs
266 mV/μs
266 mV/μs
266 mV/μs
266 mV/μs
VPRE_PFM_TON_OTP[1:0]
HS minimum ON in PFM mode
1125 ns
1125 ns
1125 ns
1125 ns
1125 ns
1125 ns
VPRE_PFM_TOFF_OTP[1:0]
HS minimum OFF in PFM mode
720 ns
720 ns
720 ns
720 ns
720 ns
720 ns
VPRE_CLK_OTP
VPRE clock selection
FSW/40
FSW/40
FSW/40
FSW/40
FSW/40
FSW/40
VPRETDFS_OTP
TSD behavior
Go to DFS
VPRE disabled only
Go to DFS
VPRE disabled only
Go to DFS
Go to DFS
VPRE
configuration
VPRETSD_PD_OTP
TSD pull-down
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
VBST_OTP[4:0]
VBST voltage
8.00 V
7.00 V
8.00 V
8.00 V
8.00 V
8.00 V
VBST_CFG_OTP
VBST configuration
Front-end boost
Front-end boost
Front-end boost
Front-end boost
Front-end boost
Front-end boost
VBST_OV_OTP
VBST_FB overvoltage monitor mode
Auto-enable mode
Auto-enable mode
Auto-enable mode
Auto-enable mode
Auto-enable mode
Auto-enable mode
VBST_PH_OTP[1:0]
Phase delay
1 Clock Cycle
1 Clock Cycle
1 Clock Cycle
1 Clock Cycle
1 Clock Cycle
1 Clock Cycle
VBSTLS_SR_OTP
Low-side slew rate
PU = 1.5 Ω / PD = 1.0 Ω PU = 1.5 Ω / PD = 1.0 Ω PU = 1.5 Ω / PD = 1.0 Ω
PU = 2 Ω / PD = 1.7 Ω
PU = 1.5 Ω / PD = 1.0 Ω PU = 1.5 Ω / PD = 1.0 Ω
VBST_TON_MIN_OTP[1:0]
Minimum ON time
200 ns
200 ns
200 ns
200 ns
200 ns
200 ns
VBST_SS_OTP[1:0]
VBST soft-start
425 μs
850 μs
425 μs
425 μs
425 μs
425 μs
VBST_MAX_DC_OTP[1:0]
Max duty cycle
87.50 %
87.50 %
87.50 %
87.50 %
87.50 %
87.50 %
VBST_CCOMP_OTP[1:0]
Comp capacitance
200 pF
200 pF
200 pF
200 pF
200 pF
200 pF
VBST_GMCOMP_OTP[1:0]
Comp transconductance
3.9 µS
5.1 µS
3.9 µS
3.9 µS
3.9 µS
3.9 µS
VBST_RCOMP_OTP[1:0]
Comp resistance
740 kΩ
500 kΩ
500 kΩ
740 kΩ
740 kΩ
500 kΩ
VBST_ILIM_OTP[1:0]
Current limit
180 mV/RSNS
120 mV/RSNS
150 mV/RSNS
120 mV/RSNS
180 mV/RSNS
150 mV/RSNS
VBST
configuration
VBST_SC_OTP[5:0]
Slope compensation
155 mV/μs
127 mV/μs
169 mV/μs
155 mV/μs
155 mV/μs
169 mV/μs
Table 127. OTP configurations...continued
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
137 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com