Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 136 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 132Page - NXP Semiconductors FS26 Datasheet HTML 133Page - NXP Semiconductors FS26 Datasheet HTML 134Page - NXP Semiconductors FS26 Datasheet HTML 135Page - NXP Semiconductors FS26 Datasheet HTML 136Page - NXP Semiconductors FS26 Datasheet HTML 137Page - NXP Semiconductors FS26 Datasheet HTML 138Page - NXP Semiconductors FS26 Datasheet HTML 139Page - NXP Semiconductors FS26 Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
22 OTP configurations
Register bitfield
Register description
MFS2613AMDA2AD
MFS2613AMDA3AD
MFS2613AMDA4AD
MFS2613AMDA6AD
MFS2621AMDABAD
MFS2613AMDDCAD
VSUP_UVTH_OTP
VSUP UV threshold
4.8 V / 4.3 V
4.8 V / 4.3 V
4.8 V / 4.3 V
4.8 V / 4.3 V
4.8 V / 4.3 V
4.8 V / 4.3 V
WK1DFS_DIS_OTP
Exit DFS on WAKE1 event
DFS exit on WAKE1
event enabled
DFS exit on WAKE1
event enabled
DFS exit on WAKE1
event enabled
DFS exit on WAKE1
event enabled
DFS exit on WAKE1
event enabled
DFS exit on WAKE1
event enabled
RETRY_DIS_OTP
Auto-retry power-up from DFS
Auto-retry enabled
Auto-retry enabled
Auto-retry enabled
Auto-retry enabled
Auto-retry enabled
Auto-retry enabled
RETRY_MODE_OTP
Auto-retry mode
Infinite retry
Infinite retry
Limited retry
Limited retry
Infinite retry
Limited retry
RETRY_MSK_OTP[3:0]
Auto-retry timer limit
800 ms
800 ms
800 ms
800 ms
1600 ms
800 ms
CLK_FREQ_OTP[1:0]
Clock frequency selection
18 MHz
18 MHz
18 MHz
18 MHz
18 MHz
18 MHz
System
configuration
BOS_IN_OTP[1:0]
VBOS input selection
Auto Transition
on VPRE_UVH
Auto Transition
on VPRE_UVH
Auto Transition
on VPRE_UVH
Auto Transition
on VPRE_UVH
Auto Transition
on VPRE_UVH
Auto Transition
on VPRE_UVH
TSLOT_OTP[1:0]
Power-up slot time
250 μs
250 μs
250 μs
250 μs
1000 μs
250 μs
SLOT_BYP_OTP[2:0]
Power-up slot bypass
Bypass disabled
Bypass disabled
Bypass disabled
Bypass disabled
Bypass disabled
Bypass disabled
CORE_SLOT_OTP[2:0]
VCORE power-up slot
Slot 0
Slot 0
Slot 0
Slot 0
Slot 6
Slot 0
LDO1_SLOT_OTP[2:0]
LDO1 power-up slot
Slot 0
Slot 0
Slot 0
Slot 0
Slot 0
Slot 0
LDO2_SLOT_OTP[2:0]
LDO2 power-up slot
Slot 0
Slot 1
Slot 0
Slot 0
Slot 0
Slot 0
TRK1_SLOT_OTP[2:0]
TRK1 power-up slot
Slot 2
Slot 2
Slot 2
Slot 0
Slot 0
Slot 2
TRK2_SLOT_OTP[2:0]
TRK2 power-up slot
Slot 3
Slot 3
Slot 3
Slot 0
OFF
Slot 3
VREF_SLOT_OTP[2:0]
VREF power-up slot
Slot 1
Slot 0
Slot 1
Slot 0
Slot 0
Slot 1
GPIO1_SLOT_OTP[2:0]
GPIO1 power-up slot
OFF
Slot 4
OFF
OFF
Slot 1
OFF
Power-up
sequence
GPIO2_SLOT_OTP[2:0]
GPIO2 power-up slot
OFF
Slot 4
OFF
OFF
Slot 1
OFF
GPIO1STAGE_OTP[1:0]
GPIO configuration
GPIO configured
as an input
Push-pull driver
GPIO configured
as an input
GPIO configured
as an input
Low-side Driver
GPIO configured
as an input
GPIO1_MODE_OTP
GPIO low-side polarity
GPIO LS active high
GPIO LS active high
GPIO LS active high
GPIO LS active high
GPIO LS active high
GPIO LS active high
GPIO1PU_OTP
GPIO1 pull-up
Pull-up disabled
Pull-up disabled
Pull-up disabled
Pull-up disabled
Pull-up disabled
Pull-up disabled
GPIO1PD_OTP
GPIO1 pull-down
Pull-down enabled
Pull-down disabled
Pull-down disabled
Pull-down enabled
Pull-down enabled
Pull-down disabled
GPIO1TH_OTP
GPIO1 detection threshold
Low-voltage threshold
Low-voltage threshold
Low-voltage threshold
Low-voltage threshold
High-voltage threshold
Low-voltage threshold
GPIO1TSD_PD_OTP
GPIO1 TSD pull-down
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
GPIO2STAGE_OTP[1:0]
GPIO configuration
Low-side driver
Push-pull driver
GPIO configured
as an input
GPIO configured
as an input
Low-side driver
GPIO configured
as an input
GPIO2_MODE_OTP
GPIO low-side polarity
GPIO LS active high
GPIO LS active high
GPIO LS active high
GPIO LS active high
GPIO LS active high
GPIO LS active high
GPIO2_VCORE_PGOOD_OTP
GPIO2 VCORE PGOOD
GPIO is not driven
by VCORE PGOOD
GPIO is not driven
by VCORE PGOOD
GPIO is not driven
by VCORE PGOOD
GPIO is not driven
by VCORE PGOOD
GPIO is not driven
by VCORE PGOOD
GPIO is not driven
by VCORE PGOOD
GPIO2PU_OTP
GPIO2 pull-up
Pull-up disabled
Pull-up disabled
Pull-up disabled
Pull-up disabled
Pull-up disabled
Pull-up disabled
GPIO2PD_OTP
GPIO2 pull-down
Pull-down disabled
Pull-down disabled
Pull-down disabled
Pull-down enabled
Pull-down enabled
Pull-down disabled
GPIO2TH_OTP
GPIO2 detection threshold
Low-voltage threshold
Low-voltage threshold
Low-voltage threshold
Low-voltage threshold
High-voltage threshold
Low-voltage threshold
WK1TH_OTP
WAKE1 detection threshold
High-voltage threshold
Low-voltage threshold
High-voltage threshold
Low-voltage threshold
High-voltage threshold
High-voltage threshold
I/O configuration
WK2TH_OTP
WAKE2 detection threshold
High-voltage threshold
High-voltage threshold
High-voltage threshold
Low-voltage threshold
High-voltage threshold
High-voltage threshold
Table 127. OTP configurations
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
136 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com