Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 138 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 138 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 134Page - NXP Semiconductors FS26 Datasheet HTML 135Page - NXP Semiconductors FS26 Datasheet HTML 136Page - NXP Semiconductors FS26 Datasheet HTML 137Page - NXP Semiconductors FS26 Datasheet HTML 138Page - NXP Semiconductors FS26 Datasheet HTML 139Page - NXP Semiconductors FS26 Datasheet HTML 140Page - NXP Semiconductors FS26 Datasheet HTML 141Page - NXP Semiconductors FS26 Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
VCORE_OTP[7:0]
VCORE voltage
1.50 V
1.50 V
1.50 V
1.50 V
1.25 V
1.50 V
CORE_CTRL_OTP
Control type
Valley mode control
Valley mode control
Valley mode control
Valley mode control
Valley mode control
Valley mode control
-
VCORE operating mode
CCM only
CCM only
CCM only
CCM only
CCM only
CCM only
CORE_SS_OTP[1:0]
Soft-start
5 mV/μs
10 mV/μs
10 mV/μs
5 mV/μs
5 mV/μs
20 mV/μs
CORE_ILIM_OTP[1:0]
VCORE current limit
2.7 A
2.7 A
1.7 A
1.7 A
2.7 A
1.7 A
CORE_PH_OTP[1:0]
Phase delay
2 Clock Cycles
3 Clock Cycles
2 Clock Cycles
2 Clock Cycles
2 Clock Cycles
2 Clock Cycles
COREHS_SR_OTP[1:0]
High-side slew rate
Rise = 4.5 V/ns
Fall = 1.2 V/ns
Rise = 4.0 V/ns
Fall = 0.6 V/ns
Rise = 4.5 V/ns
Fall = 1.2 V/ns
Rise = 4.5 V/ns
Fall = 1.2 V/ns
Rise = 4.5 V/ns
Fall = 1.2 V/ns
Rise = 4.5 V/ns
Fall = 1.2 V/ns
CORE_GM_OTP[1:0]
Transconductance amp
53 µS
53 µS
26 µS
26 µS
53 µS
26 µS
CORE_CCOMP_OTP[1:0]
Comp capacitance
50 pF
50 pF
50 pF
50 pF
50 pF
50 pF
CORE_RCOMP_OTP[1:0]
Comp resistance
200 kΩ
150 kΩ
200 kΩ
200 kΩ
150 kΩ
200 kΩ
CORE_LSEL_OTP[1:0]
VCORE inductor
1 µH
1 µH
1 µH
1 µH
1 µH
1 µH
CORETDFS_OTP
TSD behavior
Go to DFS
Go to DFS
Go to DFS
Go to DFS
Go to DFS
Go to DFS
VCORE
configuration
CORETSD_PD_OTP
TSD pull-down
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
VLDO1_OTP
LDO1 voltage in normal mode
5.0 V
3.3 V
5.0 V
5.0 V
5.0 V
5.0 V
VLDO1_LP_OTP
LDO1 voltage in standby mode
5.0 V
3.3 V
5.0 V
5.0 V
5.0 V
5.0 V
LDO1_LP_EN_OTP
LDO1 in standby mode
LDO1 enabled
LDO1 disabled
LDO1 enabled
LDO1 enabled
LDO1 enabled
LDO1 enabled
LDO1TDFS_OTP
TSD behavior
LDO1 disabled only
LDO1 disabled only
LDO1 disabled only
LDO1 disabled only
LDO1 disabled only
LDO1 disabled only
LDO1
configuration
LDO1TSD_PD_OTP
TSD pull-down
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
VLDO2_OTP
LDO2 voltage in normal mode
3.3 V
5.0 V
3.3 V
3.3 V
3.3 V
3.3 V
VLDO2_LP_OTP
LDO2 voltage in standby mode
3.3 V
5.0 V
3.3 V
3.3 V
3.3 V
3.3 V
LDO2_LP_EN_OTP
LDO2 in standby mode
LDO2 enabled
LDO2 enabled
LDO2 enabled
LDO2 enabled
LDO2 enabled
LDO2 enabled
LDO2TDFS_OTP
TSD behavior
LDO2 disabled only
LDO2 disabled only
LDO2 disabled only
LDO2 disabled only
LDO2 disabled only
LDO2 disabled only
LDO2
configuration
LDO2TSD_PD_OTP
TSD pull-down
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
TRK1_SEL_OTP[1:0]
TRK1 input selection
VREF
LDO2
Internal LDO_REF
VREF
VREF
Internal LDO_REF
TRK1TDFS_OTP
TSD behavior
TRK1 disabled only
TRK1 disabled only
TRK1 disabled only
TRK1 disabled only
TRK1 disabled only
TRK1 disabled only
TRK1
configuration
TRK1TSD_PD_OTP
TSD pull-down
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
TRK2_SEL_OTP[1:0]
TRK2 input selection
LDO2
LDO2
Internal LDO_REF
LDO2
VREF
Internal LDO_REF
TRK2TDFS_OTP
TSD behavior
TRK2 disabled only
TRK2 disabled only
TRK2 disabled only
TRK2 disabled only
TRK2 disabled only
TRK2 disabled only
TRK2
configuration
TRK2TSD_PD_OTP
TSD pull-down
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
Pull-down
enabled in TSD
VREF_OTP
VREF voltage
5.0 V
3.3 V
5.0 V
5.0 V
3.3 V
3.3 V
VREF
configuration
VLDO_REF_OTP[1:0]
Internal LDO reference
1.2 V
3.3 V
5.0 V
3.3 V
1.2 V
3.3 V
VPRE_V_OTP[5:0]
VMON_PRE monitoring voltage
6.00 V
5.40 V
6.00 V
6.00 V
6.00 V
6.00 V
VMON_PRE_OVTH_OTP[3:0]
VMON_PRE overvoltage threshold
110.5 %
110.5 %
110 %
110 %
110 %
110 %
VMON_PRE
configuration
VMON_PRE_UVTH_OTP[3:0]
VMON_PRE undervoltage threshold
90 %
94 %
90 %
90 %
90 %
90 %
Table 127. OTP configurations...continued
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
138 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com