Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 103 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 99Page - NXP Semiconductors FS26 Datasheet HTML 100Page - NXP Semiconductors FS26 Datasheet HTML 101Page - NXP Semiconductors FS26 Datasheet HTML 102Page - NXP Semiconductors FS26 Datasheet HTML 103Page - NXP Semiconductors FS26 Datasheet HTML 104Page - NXP Semiconductors FS26 Datasheet HTML 105Page - NXP Semiconductors FS26 Datasheet HTML 106Page - NXP Semiconductors FS26 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Ext. C and L
RLS_CORE
75
mΩ
QLS
0.7
nC
LSBODY_DIODE
0.8
V
VDRIVE
VBOS
V
Configuration
VCORE_IN
6
V
FCORE
2.25
MHz
COREHS_SR_OTP[1:0]
0
CORE_CTRL_OTP
0
Table 107. VCORE efficiency measurement settings...continued
ICORE (A)
0
1.65
1.20
0.60
0.75
0.15
0.30
0.45
1.35
150
0.90
1.05
aaa-047798
80
90
95
85
75
100
VCORE
Efficiency
(%)
70
3.3 V
2.8 V
1.25 V
Figure 30. VCORE efficiency
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
103 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com