Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 102 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 98Page - NXP Semiconductors FS26 Datasheet HTML 99Page - NXP Semiconductors FS26 Datasheet HTML 100Page - NXP Semiconductors FS26 Datasheet HTML 101Page - NXP Semiconductors FS26 Datasheet HTML 102Page - NXP Semiconductors FS26 Datasheet HTML 103Page - NXP Semiconductors FS26 Datasheet HTML 104Page - NXP Semiconductors FS26 Datasheet HTML 105Page - NXP Semiconductors FS26 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise
specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
FOSC_HIGH = 18 MHz (CLK_FREQ_OTP[1:0] = 10)
tCORE_ONOFF_MIN_V
HS minimum ON and OFF time in valley current mode
FOSC_HIGH = 18 MHz (CLK_FREQ_OTP[1:0] = 10)
30
55
72
ns
External Components
CORE_LSEL_OTP[1:0] = 00
Nominal[2] inductor value
Effective[3] inductor value
1
0.68
1
—
1
1.5
µH
CORE_LSEL_OTP[1:0] = 01
Nominal[2] inductor value
Effective[3] inductor value
1.5
1
1.5
—
1.5
2
µH
CORE_LSEL_OTP[1:0] = 10 or 11
LCORE
Nominal[2] inductor value
Effective[3] inductor value
2.2
1.5
2.2
—
2.2
2.9
µH
RDCR_LCORE
Inductor DC resistance
—
30
—
mΩ
CIN_CORE
Effective[3] input capacitor value
2.2
—
—
µF
Bootstrap capacitor
CBOOT_CORE
Nominal[2]
Effective[3]
47
33
47
—
47
62
nF
COUT_CORE
Effective[3] output capacitor
20
—
100
µF
Table 106. VCORE electrical characteristics...continued
[1]
Covered by characterization only, at ICORE = 1 A, with KITFS26AEEVM.
[2]
For all regulators, the nominal value is the value normalized.
[3]
For all regulators, the effective value is the value after tolerance, temperature, DC bias and aging removal.
18.4.2 VCORE efficiency
VCORE efficiency vs. current load measurement is shown in Table 107 based on external components and
the configuration listed below. If the conditions are different, calculate the efficiency using the FS26 power
dissipation tool calculator.
Ext. C and L
CIN_CORE
10
µF
CIN_CORE_ESR
2.5
mΩ
COUT_CORE
44
µF
COUT_CORE_ESR
2.5
mΩ
LCORE
1
µH
LCORE_DCR
50
mΩ
CBOOT_CORE
47
nF
Internal MOSFETs
RHS_CORE
75
mΩ
QHS
1.2
nC
Table 107. VCORE efficiency measurement settings
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
102 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com