Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 104 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 100Page - NXP Semiconductors FS26 Datasheet HTML 101Page - NXP Semiconductors FS26 Datasheet HTML 102Page - NXP Semiconductors FS26 Datasheet HTML 103Page - NXP Semiconductors FS26 Datasheet HTML 104Page - NXP Semiconductors FS26 Datasheet HTML 105Page - NXP Semiconductors FS26 Datasheet HTML 106Page - NXP Semiconductors FS26 Datasheet HTML 107Page - NXP Semiconductors FS26 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
18.5 LDO1 and LDO2: LDO regulators
LDO1 and LDO2 are linear voltage regulators with output voltage between 3.3 V and 5.0 V selectable via OTP,
and with up to 400 mA output current capability.
The LDOIN pin is the input voltage supply for both LDO1 and LDO2, and it is intended to be connected to the
VPRE output. An overcurrent detection and a thermal shutdown protection are integrated in each LDO.
These regulators are intended to supply microcontroller rails, CAN or FLEXRAY transceivers, as well as other
integrated circuits within the ECU.
During standby mode, LDOs can be enabled (based on OTP configuration) with minimum additional power
consumption.
When the output current rises above the ILIM_LDOx threshold, the corresponding SPI bit LDOxOC_I is set. An
overcurrent detection does not turn OFF the corresponding LDO, but will induce an output voltage drop.
LDO1 AND LDO2
VLDO1
VLDOIN
COUT_LDO1
VLDO2
COUT_LDO2
CIN_LDO
aaa-045468
Figure 31. LDOx block diagram
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
104 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com