Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 105 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 101Page - NXP Semiconductors FS26 Datasheet HTML 102Page - NXP Semiconductors FS26 Datasheet HTML 103Page - NXP Semiconductors FS26 Datasheet HTML 104Page - NXP Semiconductors FS26 Datasheet HTML 105Page - NXP Semiconductors FS26 Datasheet HTML 106Page - NXP Semiconductors FS26 Datasheet HTML 107Page - NXP Semiconductors FS26 Datasheet HTML 108Page - NXP Semiconductors FS26 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V,
unless otherwise specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static electrical characteristics
VLDOIN
Input voltage range
VLDOx +
VLDOx_
HDR_
NORMAL
—
6.35
V
VLDOx_HDR_NORMAL
Minimum headroom in normal mode (VLDOIN – VLDOx)
0 mA ≤ ILDOx ≤ 400 mA
350
—
—
mV
VLDOx_HDR_STBY[1]
Minimum headroom in standby mode (VLDOIN – VLDOx)
0 mA ≤ ILDOx ≤ 10 mA
50
—
—
mV
Output voltage in normal mode and in standby mode
VLDOx
VLDOx_OTP = 0
VLDOx_OTP = 1
—
—
3.3
5.0
—
—
V
VLDOx_ACC_NORMAL
Output voltage accuracy in normal mode
0 mA ≤ ILDOx ≤ 400 mA , VLDOx_HDR_NORMAL = 350 mV
-1.75
—
1.75
%
VLDOx_ACC_STBY[1]
Output voltage accuracy in standby mode
0 mA ≤ ILDOx ≤ 10 mA , VLDOx_HDR_STBY = 50 mV
-1
—
1
%
VLDOx_VREF_MATCH
LDOx versus VREF matching factor in normal mode
0 mA ≤ ILDOx ≤ 400 mA , 0 mA ≤ IREF ≤ 30 mA
-1
—
1
%
Nominal current at
ILDOx
VLDOx = 5 V
VLDOx = 3.3 V and VLDOIN ≤ 5.5 V
VLDOx = 3.3 V and VLDOIN > 5.5 V
—
—
—
—
—
—
400
400
300
mA
IQ_LDOx[1]
Quiescent current consumption in Low-power modes
VLDOx_HDR_STBY = 50 mV or 350 mV
—
7
55
µA
ILIM_LDOx
Current limitation threshold reported in LDOxOC_I
450
1750
mA
PSRRLDOx_450kHz
Power supply rejection ratio
VLDOx_HDR = 350 mV, 1 µA < ILDOx < 400 mA @ 450 kHz
22
—
—
dB
PSRRLDOx_2.2MHz
Power supply rejection ratio
VLDOx_HDR = 350 mV, 1 µA < ILDOx < 400 mA @ 2.25 MHz
32
—
—
dB
RLDOxOC_I
Discharge resistance (when VLDOx is disabled)
—
20
60
Ω
RON_LDOx
Dropout resistance including bounding
600
mΩ
TSDLDOx
Thermal shutdown threshold
175
—
—
°C
TSDLDOx_HYS
Thermal shutdown threshold hysteresis
5
—
12
°C
Dynamic electrical characteristics
tLDOx_TSD
Thermal shutdown filtering time
3
5
8
µs
VLDOx_SS
Soft start ramp rate
10
20
30
mV/µs
Table 108. LDOx Electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
105 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com