Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 120 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 116Page - NXP Semiconductors FS26 Datasheet HTML 117Page - NXP Semiconductors FS26 Datasheet HTML 118Page - NXP Semiconductors FS26 Datasheet HTML 119Page - NXP Semiconductors FS26 Datasheet HTML 120Page - NXP Semiconductors FS26 Datasheet HTML 121Page - NXP Semiconductors FS26 Datasheet HTML 122Page - NXP Semiconductors FS26 Datasheet HTML 123Page - NXP Semiconductors FS26 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
aaa-045479
LS OFF
HS OFF
VDDIO = LDOx
VPRE
VPRE
GPIOx
out
(Slot 2)
GPIOxPU_OTP
GPIOxPD_OTP
LS OFF
HS OFF
STANDBY
LPOFF
OTP
loading
SLOT1
SLOT2
SLOT1
WAKE UP
EVENT
SLOT2
LP REQ
PD
enabled
LS OFF
HS ON
OUTPUT
Hi-Z
LDOx LP configuration
LS ON
HS OFF
LS ON
HS OFF
LS OFF
HS ON
LS ON
HS OFF
Internal pull-up disabled
Internal pull-down disabled
Figure 42. GPIO Push-pull Active High operation. GPIOx_MODE_OTP = 0
19.3.2.3 GPIO active low mode
The active low mode is available only when the GPIOx is configured as a low-side driver.
When GPIOx is set as Active Low, as soon as the OTP is loaded, the pin is set to Hi-Z or High, depending on
the GPIOxPU_OTP bit. If the GPIOx is assigned to a slot in the power-up sequence, the pin remains High or Hi-
Z until it reaches the selected slot. Once the selected slot is reached, the GPIOx low-side driver is asserted low.
In normal mode, the internal pull-down resistor is disabled regardless of the GPIOxPD_OTP bit when the GPIOx
is set as low-side driver. If the internal pull-down is enabled by OTP, the resistor remains enabled in Low-power
modes, except in standby mode, to avoid floating nodes.
Default state
after OTP loaded
Normal mode
Standby mode
GPIOxLP_ON = 0
LPOFF mode /
Deep Fail Safe
GPIOxLP_ON = 0
Configuration
GPIOx
PU_OTP
GPIOx
PD_OTP
PIN HS
LS PIN HS
LS PIN HS
LS PIN HS
LS
0
0
Hi-Z OFF OFF Low OFF ON Hi-Z OFF OFF Hi-Z OFF OFF
1
0
High OFF OFF Low OFF ON High OFF OFF Hi-Z OFF OFF
0
1
Hi-Z OFF OFF Low OFF ON Hi-Z OFF OFF Low OFF OFF
Low-side
driver
1
1
High OFF OFF Low OFF ON High OFF OFF Low OFF OFF
Table 119. GPIO Active Low mode behavior summary
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
120 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com