Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 116 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 112Page - NXP Semiconductors FS26 Datasheet HTML 113Page - NXP Semiconductors FS26 Datasheet HTML 114Page - NXP Semiconductors FS26 Datasheet HTML 115Page - NXP Semiconductors FS26 Datasheet HTML 116Page - NXP Semiconductors FS26 Datasheet HTML 117Page - NXP Semiconductors FS26 Datasheet HTML 118Page - NXP Semiconductors FS26 Datasheet HTML 119Page - NXP Semiconductors FS26 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Electrical characteristics
Low input voltage detection
VIL_WAKEx
Low voltage detection (WKxTH_OTP = 0)
High-voltage detection (WKxTH_OTP = 1)
—
—
—
—
0.8
0.3 * VBOS
V
High input voltage detection threshold
VIH_WAKEx
Low input threshold (WKxTH_OTP = 0)
High input threshold (WKxTH_OTP = 1)
2
0.7 * VBOS
—
—
—
—
V
VIN_HYS
Threshold hysteresis
50
120
500
mV
IIN_WAKE
Input current on WAKEx pins[1]
—
5
10
µA
tWAKE
Wake-up filtering time
50
70
100
µs
Pull-down resistor on WAKE1 and WAKE2 pins
RPD_WAKE
WKxPD_SEL_OTP = 0
WKxPD_SEL_OTP = 1
100
5
200
10
320
15
kΩ
Table 116. Electrical characteristics
[1]
No pull-down resistor, wake-up enabled.
19.3.2 GPIO1 and GPIO2: general purpose input/output
GPIO1 pin and GPIO2 pin are general purpose input/output. They can be configured to operate as wake-up
inputs, as high-side drivers with up to 20 mA capability, or as low-side drivers with up to 2 mA capability, for use
within the ECU. GPIOx configuration can be selected with the GPIOxSTAGE_OTP[1:0] bits.
GPIO1 and GPIO2 low-side drivers can be configured to be either active high or active low with the
GPIOx_MODE_OTP bit. Active Low mode can be used to directly drive a PMOS gate without inverting the
command.
A thermal shutdown protection is implemented on GPIO1. When a thermal shutdown is triggered, GPIO1 is
automatically disabled and will remain disabled until the TSD is present (GPIO1TSD_I = 1). When the TSD is
gone (GPIO1TSD_I = 0), a SPI command is mandatory to re-enable GPIO1.
GPIOxSTAGE_OTP[1:0]
GPIOx_MODE_OTP
GPIO Configuration
00
Input configuration
x
—
Output disabled
0
Active High mode
Low-side driver (Active High)
01
Low-side driver
1
Active Low mode
Low-side driver (Active Low)
10
High-side driver
x
—
High-side driver (Active High)
11
Push-pull
x
—
Push-pull (Active High)
Table 117. GPIO mode configuration
An internal pull-up or pull-down can be enabled by OTP for each GPIO, depending on the
GPIOxSTAGE_OTP[1:0] configuration.. The pull-up resistor is always connected to VDDIO.
GPIO1 can be configured to keep its state in LPOFF mode or in standby mode with GPIO1LP_ON SPI bit.
GPIO2 can be configured to keep its state in standby mode with the GPIO2LP_ON bit.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
116 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com