Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 123 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 119Page - NXP Semiconductors FS26 Datasheet HTML 120Page - NXP Semiconductors FS26 Datasheet HTML 121Page - NXP Semiconductors FS26 Datasheet HTML 122Page - NXP Semiconductors FS26 Datasheet HTML 123Page - NXP Semiconductors FS26 Datasheet HTML 124Page - NXP Semiconductors FS26 Datasheet HTML 125Page - NXP Semiconductors FS26 Datasheet HTML 126Page - NXP Semiconductors FS26 Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Drop voltage
VDROP_GPIO
I = 20 mA high-side source
I = 2 mA low-side sink
—
—
0.2
0.2
0.6
0.4
V
TSDGPIO1
Thermal shutdown threshold for GPIO1
175
—
—
°C
TSDGPIO1_HYS
Thermal shutdown threshold hysteresis for GPIO1
5
—
12
°C
Table 120. GPIO electrical characteristics...continued
19.3.3 INTB: interrupt output
INTB is an open drain output pin with an internal pull-up to VDDIO. When an internal interrupt occurs, this pin
generates a pulse to inform the microcontroller.
Main interrupts, listed in Table 121, generate a pulse on INTB, if the flag is cleared, and fail-safe interrupts,
listed in Table 122, generate a pulse on INTB even if the flag is already set. Each interrupt can be masked by
setting the corresponding inhibit interrupt bit in the M_xxx_MASK and FS_INTB_MASK registers.
When the RSTB pin is asserted, interrupts are no longer sent to the MCU until the product goes back to the
initialization phase.
Table 121 and Table 122 list all interrupt sources that can generate a pulse on the INTB pin.
SPI flag
Interrupt mask
Interrupt flag
Corresponding event description
TWARN_M
TWARN_I
Central Temp sensor has crossed the thermal warning threshold
on the rising edge
GPIO1TSD_M
GPIO1TSD_I
GPIO1 thermal shutdown event occurred
VPRETSD_M
VPRETSD_I
VPRE thermal shutdown event occurred
TRK2TSD_M
TRK2TSD_I
TRK2 thermal shutdown event occurred
TRK1TSD_M
TRK1TSD_I
TRK1 thermal shutdown event occurred
CORETSD_M
CORETSD_I
VCORE thermal shutdown event occurred
LDO2TSD_M
LDO2TSD_I
LDO2 thermal shutdown event occurred
TSD_G
LDO1TSD_M
LDO1TSD_I
LDO1 thermal shutdown event occurred
VBSTOV_M
VBSTOV_I
VBST has crossed VBST_OV_TH on the rising edge
VPREUVH_M
VPREUVH_I
VPRE has crossed VPRE_UVH on the falling edge
VBSTOC_M
VBSTOC_I
VBST overcurrent event occurred
VPREOC_M
VPREOC_I
VPRE overcurrent event occurred
TRK2OC_M
TRK2OC_I
TRK2 overcurrent event occurred
TRK1OC_M
TRK1OC_I
TRK1 overcurrent event occurred
COREOC_M
COREOC_I
VCORE overcurrent event occurred
LDO2OC_M
LDO2OC_I
LDO2 overcurrent event occurred
REG_G
LDO1OC_M
LDO1OC_I
LDO1 overcurrent event occurred
VBOSUVH_M
VBOSUVH_I
VBOS has crossed VBOS_UVH on the falling edge
VSUPOV_M
VSUPOV_I
VSUP has crossed VSUP_OV on the rising edge
VSUPUV6_M
VSUPUV6_I
VSUP has crossed VSUP_UV6 on the falling edge
VSUP_G
VSUPUVH_M
VSUPUVH_I
VSUP has crossed VSUP_UVH on the falling edge
Table 121. List of Interrupt sources from Main logic
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
123 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com