Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 121 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 117Page - NXP Semiconductors FS26 Datasheet HTML 118Page - NXP Semiconductors FS26 Datasheet HTML 119Page - NXP Semiconductors FS26 Datasheet HTML 120Page - NXP Semiconductors FS26 Datasheet HTML 121Page - NXP Semiconductors FS26 Datasheet HTML 122Page - NXP Semiconductors FS26 Datasheet HTML 123Page - NXP Semiconductors FS26 Datasheet HTML 124Page - NXP Semiconductors FS26 Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
aaa-045480
VDDIO = LDOx
VDDIO
GPIOx
out
(Slot 2)
GPIOxPU_OTP
GPIOxPD_OTP
LS OFF
STANDBY
LPOFF
OTP
loading
SLOT1
SLOT2
SLOT1
WAKE UP
EVENT
SLOT2
LP REQ
OUTPUT
Hi-Z
LDOx LP configuration
LS OFF
LS ON
Internal pullup enabled
Internal pulldown disabled
VDDIO
Figure 43. GPIO low-side driver Active Low operation. GPIOx_MODE_OTP = 1
19.3.2.4 VCORE_PGOOD: VCORE power good status
GPIO2 can be used to generate a power good signal from VMON_CORE monitoring to drive an external N-type
MOSFET to be able to start with a pre-biased voltage.
NXP recommends using an external load switch between FS26 VCORE and the MCU input supply to prevent
reverse current flow from the MCU to the VCORE regulator during low-power mode. The VCORE power good
feature can be enabled by OTP using the GPIO2_VCORE_PGOOD_OTP bit.
When GPIO2 is used as VCORE_PGOOD, the HS switch (connected internally to VPRE) is used to close
the external N-type MOSFET. The power good signal is released as soon as VMON_CORE crosses its
undervoltage threshold. VCORE_PGOOD is asserted low when VCORE is disabled, or when an error is
reported from VMON_CORE voltage monitoring (undervoltage or overvoltage). Therefore, VCORE_PGOOD
will be asserted low when entering Low power mode, setting the CORE_UV flag as soon as the Fail-safe state
machine disables VMON_CORE voltage monitoring block, despite VCORE being still up and running.
An external pulldown is mandatory to assert the pin low when the high-side switch is turned off.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
121 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com