Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 122 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 118Page - NXP Semiconductors FS26 Datasheet HTML 119Page - NXP Semiconductors FS26 Datasheet HTML 120Page - NXP Semiconductors FS26 Datasheet HTML 121Page - NXP Semiconductors FS26 Datasheet HTML 122Page - NXP Semiconductors FS26 Datasheet HTML 123Page - NXP Semiconductors FS26 Datasheet HTML 124Page - NXP Semiconductors FS26 Datasheet HTML 125Page - NXP Semiconductors FS26 Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
FS26
HIGH
VOLTAGE
BUCK
MCU
Wake up sources
(GPIOx, Wakex, SPI,
Long duration timer)
VBAT
COUT_CORE
aaa-045481
LDO1
VCORE
LCORE
GPIO2 HS
used as
VCORE
PGOOD
VREF
WAKE
LOAD
VCCD
SPI
TRK1/2
FAIL SAFE
SATE MACHINE
ADC
ACTUATORS FOR
SAFE STATE
ANALOG
SENSORS
Off board domain
Analog and digital
monitoring
ADC
VDDD
D
NMOS
load switch
BUK4D16-20
FDME820NZT
S
G
10 kΩ
FCCU1
FCCU2
FS0B
FS1B
Figure 44. VCORE PGOOD load switch
19.3.2.5 GPIO electrical characteristics
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Electrical characteristics
Low input voltage detection
VIL_GPIOx
Low voltage detection (GPIOxTH_OTP = 0)
High-voltage detection (GPIOxTH_OTP = 1)
—
—
—
—
0.8
0.3 * VBOS
V
High input voltage detection threshold
VIH_GPIOx
Low input threshold (GPIOxTH_OTP = 0)
High input threshold (GPIOxTH_OTP = 1)
2
0.7 * VBOS
—
—
—
—
V
VIN_HYS
Threshold hysteresis
50
120
500
mV
tWAKE
Wake-up filtering time
50
70
100
µs
IHS_GPIOx
High-side drive current capability
—
—
20
mA
IHS_ILIM
High-side current limitation threshold
25
50
75
mA
ILS_GPIOx
Low-side drive current capability
—
—
2
mA
ILS_ILIM
Low-side current limitation threshold
3
5
7.5
mA
ILEAK_GPIOx
Input current leakage
HS and LS disabled, PU and PD disabled
-10
—
10
µA
RPU_GPIOx
Internal pull-up resistor value
100
200
320
kΩ
RPD_GPIOx
Internal pull-down resistor value
100
200
320
kΩ
Table 120. GPIO electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
122 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com