Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 125 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 121Page - NXP Semiconductors FS26 Datasheet HTML 122Page - NXP Semiconductors FS26 Datasheet HTML 123Page - NXP Semiconductors FS26 Datasheet HTML 124Page - NXP Semiconductors FS26 Datasheet HTML 125Page - NXP Semiconductors FS26 Datasheet HTML 126Page - NXP Semiconductors FS26 Datasheet HTML 127Page - NXP Semiconductors FS26 Datasheet HTML 128Page - NXP Semiconductors FS26 Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V,
unless otherwise specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Electrical characteristics
RINTB_PU
Internal pull-up resistor to VDDIO
5
10
20
kΩ
VINTB_VOL
Low output level threshold
IINTB = 2.0 mA
—
—
0.4
V
INTB_LEAK
Input leakage current
VDDIO = 5.5 V
—
—
1.0
µA
IINTB_ILIM
INTB current limitation
4
—
20
mA
Interrupt pulse duration
tINTB_PULSE
Short pulse (INT_PWIDTH = 0)
Long pulse (INT_PWIDTH = 1)
17.5
70
25
100
32.5
130
µs
Table 123. INTB Electrical characteristics
19.4 LDT: long duration timer
The FS26 features a long duration timer (LDT) with an integrated oscillator. The timer is configurable by the
SPI and can operate in normal mode and in Low-power modes. It provides several functions and offers a wide
range of configurable counting periods, as well as a calibration mechanism for internal oscillator compensation
(function1).
The timer is not part of the safety circuitry and is not covered by LBIST (logic built-in self-test). It can be
activated in normal mode, though, and all prescaler options can be selected to allow timer circuitry verification.
The timer is based on a 24 bit counter, with a 32768 Hz oscillator, allowing a 1.0 second time base.
aaa-045520
32 kHz
OSC
PRESCALER 1
(/16)
24-bit COUNTER
CONTROL REGISTER
READ
REGISTER(S)
to internal:
mode change
(LPOFF, WU)
COMP.
MISO
MOSI
SCLK
CSB
INT
24 bits: WAKE UP
REGISTER
16 bits: AFTER RUN
REGISTER
PRESCALER 2
(/2048)
TO
EXTERNAL
(calibration)
30 µs
488 µs
1.0 s (cal: 488 µs)
Figure 45. Long Duration Timer block diagram
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
125 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com