Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 134 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 130Page - NXP Semiconductors FS26 Datasheet HTML 131Page - NXP Semiconductors FS26 Datasheet HTML 132Page - NXP Semiconductors FS26 Datasheet HTML 133Page - NXP Semiconductors FS26 Datasheet HTML 134Page - NXP Semiconductors FS26 Datasheet HTML 135Page - NXP Semiconductors FS26 Datasheet HTML 136Page - NXP Semiconductors FS26 Datasheet HTML 137Page - NXP Semiconductors FS26 Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
21 Application schematics
Refer to AN12995 for further information.
21.1 Front-end configuration
aaa-047638
GPIO1 as global INPUT
GPIO2 as local OUTPUT
FCCU by pair,
FCCU12_FLT_POL = 1
VDIG
21
DEBUG
31
NC
38
WAKE1
47
WAKE2
2
CVDIG
GND
GND
GND
GLOBAL_WAKE1
1 µF
CSENSE
GND
1 µF
COUT_AMUX
GND
VDDIO
FS0B
2200 pF
GPIO2
6
AMUX
29
COUT_GPIO2
LOCAL_GPIO2
GND
0.01 µF
FS0B
13
TRKIN
VPRE
VREF
CIN_TRK
LCORE
1
2
1.0 µH
1 µF
7
RFILT
5.1 kΩ
VDDIO
RPU_FS0B
10 kΩ
LOCAL_WAKE2
RFILT
CIN1_WAKE1
0.022 µF
CIN2_WAKE1
0.01 µF
CIN2_WAKE2
0.01 µF
5.1 kΩ
MCU_ADC
GND
GND
GND
GPIO1
3
GLOBAL_GPIO1
MISO
MCU_MISO
25
MOSI
MCU_MOSI
26
SCLK
MCU_CLK
27
CSB
MCU_CSB
28
INTB
MCU_INTB
24
RSTB
MCU_RSTB
16
FCCU2
MCU_FCCU2
18
VMONCORE
VCORE
15
19
VMONEXT
GNDFS
20
GND
VMON_INPUT
14
FCCU1
MCU_FCCU1
17
VDDIO
VDDIO 3.3 V or 5 V can come from any regulator
23
RAMUX
RPU_FCCU1
5.1 kΩ
220 Ω
RBST_PG_PU
10 kΩ
RSENSE
5.1 kΩ
CBAT1
47 µF
GND
GND
CBAT2
0.1 µF
GND
GND
CIN1_BST
10 µF
CIN2_BST
10 µF
PMEG050V150EPD
DBAT
RPD_FCCU2
22 kΩ
COUT_INTB
4700 pF
COUT_RSTB
1000 pF
RPU_RSTB
5.1 kΩ
CIN_VDDIO
0.1 µF
GND
COUT1_FS0B
0.01 µF
GND
COUT2_FS0B
0.022 µF
FS1B
FS1B
VMON_INPUT * RL/(RL+RH) = 0.8 V
12
RFILT
5.1 kΩ
VDDIO
RSNS_BST
0.02 Ω
QBST
NTD5C688NL
GND
RIP
1 kΩ
BZX384-B30
DIP
RPU_FS1B
10 kΩ
RH
RL
GND
GND
GND
COUT1_FS1B
0.01 µF
GND
COUT1_VREF
2.2 µF
OPTIONAL OUTPUT CAPACITORS
GND
COUT1_TRK1
2.2 µF
GND
CIN_LDO
1 µF
COUT1_CORE
22 µF
COUT2_CORE
22 µF
COUT3_CORE
0.1 µF
GND
COUT1_LDO2
4.7 µF
GND
COUT1_LDO1
4.7 µF
COUT1_TRK2
2.2 µF
GND
COUT2_VREF
1000 pF
GND
COUT2_TRK1
1000 pF
GND
COUT2_TRK2
1000 pF
GND
COUT2_LDO1
1000 pF
GND
COUT2_LDO2
1000 pF
GND
COUT2_FS1B
0.022 µF
RFILT
CIN1_GPIO1
0.022 µF
CIN2_GPIO1
0.01 µF
5.1 kΩ
FS26
2
3
OPTIONAL
C
A
VBST_G
VBST_ISH
1
49
EP
22
GNDSUB
MFS2633AMDA0AD
GND
GND
CBOOT_CORE
0.047 µF
CIN2_CORE
0.01 µF
CORE_SW
32
VREF
8
VCORE
VTRK1
TRK1
4
VTRK2
TRK2
5
VPRE
LDOIN
10
VLDO1
LDO1OUT
11
VLDO2
LDO2OUT
9
CORE_FB
30
CORE_BT
33
CORE_IN
VPRE
CIN1_CORE
LPRE
1
2
10 µH
10 µF
34
COUT1_PRE
22 µF
COUT2_PRE
22 µF
COUT3_PRE
0.1 µF
GND
GND
GND
GND
COUT_PG
1000 pF
1
GND
VBST
CBOOT_PRE
VPRE_SW
40
VPRE
MON_PRE
36
VPRE_FB
37
VPRE_BT
39
CBOS
4.7 µF
VBOS
35
GND
VDDIO
VBAT
CSUP
4.7 µF
VSUP
42
COUT1_BST
10 µF
COUT2_BST
10 µF
COUT3_BST
10 µF
COUT4_BST
10 µF
VBST_PG
VBST
43
VBST_FB
44
VBST_ISL
45
VBST_G
46
VBST_ISH
48
BATSENSE
CSUP_PWR2
0.1 µF
CSUP_PWR1
4.7 µF
VSUP_PWR
VBST
41
VBST
LBST
1
2
4
1
3
4.7 µH
PMEG045V100EPD
DBST
2
3
1
VBST_ISL
Figure 52. Application schematic in front-end configuration for FPRE = 450 kHz
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
134 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com