Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 106 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 102Page - NXP Semiconductors FS26 Datasheet HTML 103Page - NXP Semiconductors FS26 Datasheet HTML 104Page - NXP Semiconductors FS26 Datasheet HTML 105Page - NXP Semiconductors FS26 Datasheet HTML 106Page - NXP Semiconductors FS26 Datasheet HTML 107Page - NXP Semiconductors FS26 Datasheet HTML 108Page - NXP Semiconductors FS26 Datasheet HTML 109Page - NXP Semiconductors FS26 Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V,
unless otherwise specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
VLDOx_LOTR
Transient load response
ILDOx = 10 mA to 200 mA step and 200 mA to 10 mA
di/dt = 100 mA/µs
COUT_LDOx = 4.7 µF, CIN_LDO = 1 µF
-3
—
3
%
VLDOx_LOTR_STBY_HI Transient load response in standby mode
ILDOx = 10 mA to 100 mA step and 100 mA to 10 mA
di/dt = 100 mA/µs
VPRE_PFM = 5.35 V, VLDOx = 5 V
COUT_LDOx = 4.7 µF, CIN_LDO = 1 µF
-100
—
100
mV
VLDOx_LOTR_STBY_
LO
[1]
Transient load response in standby mode with reduced
headroom
ILDOx = 10 µA to 10 mA step and 10 µA to 10 mA
di/dt = 10 mA/µs
VPRE_PFM = 5.05 V , VLDOx = 5 V
COUT_LDOx = 4.7 µF , CIN_LDO = 1 µF
-1.5
—
1.5
%
tON_LDOx
Turn on rise time (soft start ramp)
—
—
500
µs
External components
CIN_LDO
Effective[2] input capacitor (close to LDOIN pin)
0.5
—
—
µF
COUT_LDOx
Effective[2] output capacitance
2.35
4.7
15
µF
Table 108. LDOx Electrical characteristics...continued
[1]
For all these parameters, the maximum ambient temperature is TA = 85 °C.
[2]
For all regulators, the effective capacitor value is the capacitor value after tolerance, DC bias and aging removal.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
106 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com