Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 115 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 111Page - NXP Semiconductors FS26 Datasheet HTML 112Page - NXP Semiconductors FS26 Datasheet HTML 113Page - NXP Semiconductors FS26 Datasheet HTML 114Page - NXP Semiconductors FS26 Datasheet HTML 115Page - NXP Semiconductors FS26 Datasheet HTML 116Page - NXP Semiconductors FS26 Datasheet HTML 117Page - NXP Semiconductors FS26 Datasheet HTML 118Page - NXP Semiconductors FS26 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
VAMUX_OFF
Offset voltage (IAMUX = 1 mA)
-7
—
7
mV
Ratio accuracy
VAMUX_RATIO
Ratio 1
Ratio 1.5
Ratio 2.5
Ratio 7.5
Ratio 14
-0.5
-1.5
-1.5
-1.5
-1.5
—
—
—
—
—
0.5
1.5
1.5
1.5
1.5
%
RAMUX_DIV
Analog multiplexer total bridge resistance for BATSENSE, VSUP, VBST,
WAKE1, WAKE2, GPIO1, GPIO2
0.75
1.5
3
MΩ
RAMUX_PD
Analog multiplexer internal pull-down resistance
5
10
20
kΩ
VTEMP25
Temperature sensor voltage at 25 °C
2.01
2.055
2.1
V
VTEMP_COEFF
Temperature sensor coefficient
-6.25
-5.88
-5.5
mV/°C
TAMUX_SET
Settling time
(from 10 % to 90 % of VDDIO, RS = 220 Ω, COUT = 10 nF)
—
—
10
µs
External components
RS
Nominal output resistor (±10 %)
—
220
—
Ω
Nominal[1] output capacitance
2.2
2.2
10
COUT
Effective[2] output capacitance
1.1
—
15
nF
Table 115. AMUX Electrical characteristics...continued
[1]
For all regulators, the nominal value is the value normalized.
[2]
For all regulators, the effective capacitor value is the capacitor value after tolerance, DC bias and aging removal.
19.3 System I/O pins
19.3.1 WAKE1 and WAKE2: wake-up inputs
WAKE1 pin and WAKE2 pin are programmable inputs used to detect wake-up events on either high or low
levels. Both WAKEx pins are protected up to 40 V and are suitable to connect to a wake-up signal outside the
ECU.
For each pin, an internal pull-down can be enabled with WKxPD_OTP and its value chosen with
WKxPD_SEL_OTP.
Additionally, the VIL / VIH theresholds VIL_WAKEx / VIH_WAKEx can be chosen with WKxTH_OTP and status is
reported on WKx_S.
WAKEx block
WAKEx
to logic
Wake up comp
WKxPD_SEL0
200 k
VBOS
VDIG
aaa-045473
WKxPD_SEL1
10 k
Figure 37. WAKEx pin block diagram
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
115 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com