Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 114 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 110Page - NXP Semiconductors FS26 Datasheet HTML 111Page - NXP Semiconductors FS26 Datasheet HTML 112Page - NXP Semiconductors FS26 Datasheet HTML 113Page - NXP Semiconductors FS26 Datasheet HTML 114Page - NXP Semiconductors FS26 Datasheet HTML 115Page - NXP Semiconductors FS26 Datasheet HTML 116Page - NXP Semiconductors FS26 Datasheet HTML 117Page - NXP Semiconductors FS26 Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
AMUX_EN
AMUX[4:0]
Signal selection for AMUX output
AMUX_DIV = 0 AMUX_DIV = 1
1
00101
Digital voltage supply for main domain (1.6 V ± 50 mV)
1
1
1
00110
Digital voltage supply for fail-safe domain (1.6 V ± 50 mV)
1
1
1
00111
VCORE voltage
1.5
1.5
1
01000
VPRE voltage
2.5
2.5
1
01001
LDO1 voltage
2.5
2.5
1
01010
LDO2 voltage
2.5
2.5
1
01011
VREF voltage
2.5
2.5
1
01100
TRK1 voltage
2.5
2.5
1
01101
TRK2 voltage
2.5
2.5
1
01110
VDDIO voltage
2.5
2.5
1
01111
VBOS internal voltage
2.5
2.5
1
10000
VBST voltage (divider ratio configurable by SPI)
7.5
14
1
10001
VSUP voltage (divider ratio configurable by SPI)
7.5
14
1
10010
WAKE1 voltage (divider ratio configurable by SPI)
7.5
14
1
10011
WAKE2 voltage (divider ratio configurable by SPI)
7.5
14
1
10100
GPIO1 voltage (divider ratio configurable by SPI)
7.5
14
1
10101
GPIO2 voltage (divider ratio configurable by SPI)
7.5
14
1
10110
BATSENSE pin voltage (divider ratio configurable by SPI)
7.5
14
1
10111
Central die temperature sensor.[1]
1
1
1
11000
VCORE temperature sensor.[1]
1
1
1
11001
VPRE temperature sensor.[1]
1
1
1
11010
LDO1 temperature sensor.[1]
1
1
1
11011
LDO2 temperature sensor.[1]
1
1
1
11100
TRK1 temperature sensor.[1]
1
1
1
11101
TRK2 temperature sensor.[1]
1
1
1
11110
GPIO1 temperature sensor.[1]
1
1
1
11111
Reserved
N/A
N/A
Table 114. AMUX output selection...continued
[1]
Temp (°C) = (VAMUX_OUT – VTEMP25) / VTEMP_COEFF + 25
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Electrical characteristics
VAMUX_VDDIO
VDDIO operating voltage range
3.0
—
5.5
V
VAMUX_OUT
Output voltage range
0.3
—
3.0
V
Input voltage range for VSUP, BATSENSE, VBST,
WAKE1, WAKE2, GPIO1, GPIO2
VAMUX_IN
Ratio 7.5
Ratio 14
2.5
4.2
—
21
36
V
IAMUX
Output buffer current capability
—
—
1
mA
Table 115. AMUX Electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
114 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com