Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 111 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 107Page - NXP Semiconductors FS26 Datasheet HTML 108Page - NXP Semiconductors FS26 Datasheet HTML 109Page - NXP Semiconductors FS26 Datasheet HTML 110Page - NXP Semiconductors FS26 Datasheet HTML 111Page - NXP Semiconductors FS26 Datasheet HTML 112Page - NXP Semiconductors FS26 Datasheet HTML 113Page - NXP Semiconductors FS26 Datasheet HTML 114Page - NXP Semiconductors FS26 Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
19 System enhancement functions
19.1 Clock management of the Main domain
The main clock management block is comprised of one high-frequency oscillator, one low-frequency system
oscillator, and multiple dividers to generate clocking for the internal main digital state machine, for the low power
clock, and for the switching regulators.
The low-frequency oscillator runs at 98 kHz. This oscillator is used for the Long Duration Timer (LDT) and
remains ON in Low-power modes to filter the wake-up sources.
The high-frequency oscillator runs at 18 MHz by default. The frequency and the spread spectrum can be
configured by SPI to reduce the emission of the oscillator fundamental frequency. The oscillator is used for the
SMPS regulators and all the main domain timings. This oscillator is OFF in Low-power modes to reduce the
current consumption.
Two frequency dividers provide lower frequency clocks for the switching regulators:
• CLK1 is set at the high-frequency oscillator divided by 8.
• CLK2 is set at the high-frequency oscillator divided by 40.
The frequency of the switching voltage regulators is assigned as shown in Table 111.
Regulator
CLK1
CLK2
VBST
No
Yes
VCORE
Yes
No
VPRE
VPRE_CLK_OTP = 1
VPRE_CLK_OTP = 0
Table 111. Switching clock assignment
aaa-045471
18 MHz INTERNAL
OSCILLATOR
(SPREAD SPECTRUM)
CLK2
CLK1
DIVIDER 2
/40 (OTP)
CLK_HIGH
DIVIDER 1
/8 (OTP)
PHASE
SHIFTING
PHASE
SHIFTING
Figure 34. Clock management block diagram
19.1.1 Manual frequency tuning
The internal oscillator frequency runs at 18 MHz by default, and it is configurable via OTP from 16 MHz to 19
MHz with a 1 MHz frequency step. NXP recommends using 18 MHz as a reference value.
CLK_FREQ_OTP[1:0]
High-frequency oscillator
CLK1
CLK2
00
16 MHz
2.000 MHz
400 kHz
01
17 MHz
2.125 MHz
425 kHz
10 (default)
18 MHz
2.250 MHz
450 kHz
11
19 MHz
2.375 MHz
475 kHz
Table 112. Manual frequency tuning configuration
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
111 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com