Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 112 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 108Page - NXP Semiconductors FS26 Datasheet HTML 109Page - NXP Semiconductors FS26 Datasheet HTML 110Page - NXP Semiconductors FS26 Datasheet HTML 111Page - NXP Semiconductors FS26 Datasheet HTML 112Page - NXP Semiconductors FS26 Datasheet HTML 113Page - NXP Semiconductors FS26 Datasheet HTML 114Page - NXP Semiconductors FS26 Datasheet HTML 115Page - NXP Semiconductors FS26 Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
19.1.2 Phase shifting
The clocks of the switching regulators VPRE, VCORE, and VBST can be delayed to keep all the regulators from
turning ON at once. This can reduce peak current and improve EMC performance. Each regulator's clock can
be shifted from 1 to 3 clock cycles of the high-frequency clock (configurable by OTP).
aaa-045519
55 ns
18 MHz Clock
CLK1 = 2.25 MHz
CLK2 = 450 kHz
55 ns
55 ns
Figure 35. Clock phase shifting examples
19.1.3 Spread spectrum
The internal oscillator can be modulated with a triangular carrier frequency of 23 kHz or 94 kHz, with a ±6 %
deviation range around the oscillator frequency. The spread spectrum feature and the carrier frequency can be
selected by SPI. The FSS_EN bit enables the spread spectrum feature and the FSS_FMOD bit selects high- or
low-frequency modulation. These two bits are in the M_SYS_CFG SPI register. By default, the spread spectrum
feature is disabled.
The main purpose of the spread spectrum feature is to improve EMC performance by spreading out the energy
of the internal oscillator and VPRE frequency. Because of this, NXP recommends enabling spread spectrum
and selecting the 23 kHz carrier frequency as the default for both VPRE switching frequencies.
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Internal oscillator
High-frequency oscillator (OTP programmable)
FOSC_HIGH
CLK_FREQ_OTP[1:0] = 00
CLK_FREQ_OTP[1:0] = 01
CLK_FREQ_OTP[1:0] = 10
CLK_FREQ_OTP[1:0] = 11
—
—
—
—
16
17
18
19
—
—
—
—
MHz
FOSC_HIGH_ACC
High-frequency oscillator accuracy
-6
—
6
%
FOSC_LOW
Low-frequency oscillator
—
98
—
kHz
FOSC_LOW_ACC
Low-frequency oscillator accuracy
-5
—
5
%
Spread spectrum
Spread spectrum frequency modulation for 450 kHz
CLK_FREQ_OTP[1:0] = 00 (FSS_FMOD = 0, FSS_EN = 1)
CLK_FREQ_OTP[1:0] = 01 (FSS_FMOD = 0, FSS_EN = 1)
CLK_FREQ_OTP[1:0] = 10 (FSS_FMOD = 0, FSS_EN = 1)
CLK_FREQ_OTP[1:0] = 11 (FSS_FMOD = 0, FSS_EN = 1)
19.5
20.8
22.1
23.3
20.8
22.1
23.4
24.7
22.1
23.5
24.9
26.3
kHz
Spread spectrum frequency modulation for 2.25 MHz
FOSC_MOD
CLK_FREQ_OTP[1:0] = 00 (FSS_FMOD = 1, FSS_EN = 1)
CLK_FREQ_OTP[1:0] = 01 (FSS_FMOD = 1, FSS_EN = 1)
CLK_FREQ_OTP[1:0] = 10 (FSS_FMOD = 1, FSS_EN = 1)
CLK_FREQ_OTP[1:0] = 11 (FSS_FMOD = 1, FSS_EN = 1)
78.4
83.3
88.2
93.1
83.3
88.5
93.8
99
88.4
93.9
99.4
105
kHz
Table 113. Clock management electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
112 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com