Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 113 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 109Page - NXP Semiconductors FS26 Datasheet HTML 110Page - NXP Semiconductors FS26 Datasheet HTML 111Page - NXP Semiconductors FS26 Datasheet HTML 112Page - NXP Semiconductors FS26 Datasheet HTML 113Page - NXP Semiconductors FS26 Datasheet HTML 114Page - NXP Semiconductors FS26 Datasheet HTML 115Page - NXP Semiconductors FS26 Datasheet HTML 116Page - NXP Semiconductors FS26 Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
FOSC_MOD_RANGE
Spread spectrum range (around the nominal frequency)
-6
—
6
%
Table 113. Clock management electrical characteristics...continued
19.2 Analog multiplexer: AMUX
Various internal and application voltages can be monitored through the AMUX pin. Examples include critical
FS26 parameters and system level safety parameters. The channel to be monitored can be selected via the
SPI. The maximum AMUX output voltage range is VDDIO.
R5
RS
R4
SPI
R2
R1
R3
aaa-045472
COUT
R7
R6
To MCU ADC
AMUX
VCORE -
Signals with 7.5
or 14 divider ratio
Signals without
divider ratio
Signals with 2.5 divider ratio
Signals with 1.5 divider ratio
VDDIO
Buffer
GND
Mux
AMUX [4:0]
VPRE -
LDO1 -
LDO2 -
VREF -
TRK1 -
TRK2 -
VDDIO -
VBOS -
VBST -
VSUP -
WAKE1 -
WAKE2 -
GPIO1 -
GPIO2 -
BATSENSE -
Temperature sensors -
Internal voltages references -
Internal biasing supply -
Figure 36. AMUX block diagram
19.2.1 AMUX channel selection
AMUX_EN
AMUX[4:0]
Signal selection for AMUX output
AMUX_DIV = 0 AMUX_DIV = 1
0
xxxxx
Disabled with AMUX pin pulled to ground
N/A
N/A
1
00000
(default)
Disabled with AMUX pin in Hi-Z
N/A
N/A
1
00001
Low power bandgap for main domain (1.0 V ± 0.5 %)
1
1
1
00010
Bandgap for main domain (1.0 V ± 0.5 %)
1
1
1
00011
Bandgap for fail-safe domain (1.0 V ± 0.5 %)
1
1
1
00100
Analog voltage supply for main domain (1.6 V ± 50 mV)
1
1
Table 114. AMUX output selection
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
113 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com