Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 126 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 122Page - NXP Semiconductors FS26 Datasheet HTML 123Page - NXP Semiconductors FS26 Datasheet HTML 124Page - NXP Semiconductors FS26 Datasheet HTML 125Page - NXP Semiconductors FS26 Datasheet HTML 126Page - NXP Semiconductors FS26 Datasheet HTML 127Page - NXP Semiconductors FS26 Datasheet HTML 128Page - NXP Semiconductors FS26 Datasheet HTML 129Page - NXP Semiconductors FS26 Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
19.4.1 LDT characteristics
In normal operation, the timer can count up to 194 days, with a 1 second resolution. In short count mode, the
prescaler 2 is bypassed and the timer can count up to 2.28 hours, with a 488 µs resolution.
Oscillator
frequency
Oscillator
period
Prescaler
Counter
resolution
Max count
Long count
32.768 kHz
30.52 µs
16 x 2048
1 s
4660 hours
194 days
Short count
32.768 kHz
30.52 µs
16
488 µs
8192 s
2.28 hours
Table 124. long duration timer characteristics
The LDT has two modes of operation, based on the prescaler used during the count:
• When LDT_MODE = 0, the LDT is set in Long Count mode.
• When LDT_MODE = 1, the LDT is set in Short Count mode, suitable for calibration.
The LDT_AFTER_RUN[15:0] bits is used to set or to read the after run target value in normal mode.
The LDT_WUP_H[7:0] and the LDT_WUP_L[15:0] bits is used to set or to read the wake-up target value, in
combination with the LDT_SEL bit:
• LDT_WUP_H[7:0] contains the 8 most significant bits of the wake-up target value.
• LDT_WUP_L[15:0] contains the 16 least significant bits of the wake-up target value.
The LDT_SEL bit allows the MCU to either set/read the wake-up target value or to read the current value of the
24 bit LDT counter in the LDT_WUP_H[7:0] and the LDT_WUP_L[15:0] bits.
• When LDT_SEL = 0, the MCU can read or write the wake-up target value in the LDT_WUP_H[7:0] and the
LDT_WUP_L[15:0] bits.
• When LDT_SEL = 1, the MCU can read the counter current value (running or not).
The LDT_EN bit is provided to start the LDT timer operation:
• When LDT_EN = 0, the LDT is disabled.
• When LDT_EN = 1, the LDT starts counting as defined in the M_LDT_CTRL and M_LDT_CFGx registers.
The LDT_LPSEL[7:0] bits indicate the appropriate Low-power mode. The LDT_LPSEL[7:0] bits reset to 0 every
time the device enters the normal mode. When timer function 2 or 3 is selected, the MCU must first write the
safe key value on the LDT_LPSEL[7:0] bits to confirm that the device will go into the corresponding Low-power
mode after the run timer has expired.
• When LDT_LPSEL[7:0] = AAh, the device goes into standby mode after the run timer expires.
• When LDT_LPSEL[7:0] = A5h, the device goes into LPOFF mode after the run timer expires.
• When timer function 4 or 5 is selected and LDT_EN = 1, the LDT does not start any count until the device
enters the corresponding Low-power mode.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
126 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com