Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 132 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 128Page - NXP Semiconductors FS26 Datasheet HTML 129Page - NXP Semiconductors FS26 Datasheet HTML 130Page - NXP Semiconductors FS26 Datasheet HTML 131Page - NXP Semiconductors FS26 Datasheet HTML 132Page - NXP Semiconductors FS26 Datasheet HTML 133Page - NXP Semiconductors FS26 Datasheet HTML 134Page - NXP Semiconductors FS26 Datasheet HTML 135Page - NXP Semiconductors FS26 Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
aaa-045496
VSUP > VSUP_UVH
VDDIO = 3.3 V or 5.0 V for SPI
OTP emulation or programming
Debug pin = GND
Regulators Power up
RSTB release
NO
YES
Write all INIT_FS registers
To configure Safety outputs
reaction
LBIST or ABIST Fail will
prevent safety outputs release.
Possibility to go to low power
modes or restart the device
ABIST = OK
LBIST = OK
Open WD window in
FS_WDW_DURATION[15:12] =
0x0000
Close INIT FS with x1 good
Watchdog refresh
Decrease FLT_ERR_CNT to `0'
with sufficient WD_ERR_LIMIT
good WD refreshes
Write command to
RELEASE_FS0B_FS1B[15:0] To
release safety outputs
DBG_EXIT == `1'
External
event
SW action
Information
Device
event
7.4 V < VDEBUG < 8.4 V
Figure 50. OTP mode flowchart until safety outputs release
20.2 Debug mode flowchart
The diagram in Figure 51 explains the steps to enter Debug mode without first entering OTP mode, start the fail-
safe machine in Debug mode, exit Debug mode with the watchdog disabled, and release the safety outputs.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
132 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com