Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 107 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 103Page - NXP Semiconductors FS26 Datasheet HTML 104Page - NXP Semiconductors FS26 Datasheet HTML 105Page - NXP Semiconductors FS26 Datasheet HTML 106Page - NXP Semiconductors FS26 Datasheet HTML 107Page - NXP Semiconductors FS26 Datasheet HTML 108Page - NXP Semiconductors FS26 Datasheet HTML 109Page - NXP Semiconductors FS26 Datasheet HTML 110Page - NXP Semiconductors FS26 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
18.6 VREF: voltage reference
The VREF block is a high accuracy linear voltage regulator with 0.75 % accuracy over the device operating
voltage and temperature range. The VREF output voltage is selectable between 3.3 V and 5.0 V via OTP, with
30 mA output current capability.
The TRKIN pin is the input voltage supply for VREF, and it is intended to be connected to the VPRE output. An
overcurrent detection is integrated. When the output current rises above the ILIM_REF threshold, the overcurrent
detection does not turn OFF the VREF but will induce an output voltage drop.
VREF is intended to supply the microcontroller ADC reference, and to be the reference for the voltage tracking
regulators (TRKx) in the FS26 device.
VREF
VREF
VTRKIN
COUT_VREF
CIN_TRK
aaa-045469
Figure 32. VREF block diagram
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V,
unless otherwise specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static electrical characteristics
VTRKIN
Input voltage range
VREF +
VREF_HDR
—
6.35
V
Output voltage
VREF
VREF_OTP = 0
VREF_OTP = 1
—
—
3.3
5.0
—
—
V
VREF_HDR
Minimum headroom (VTRKIN – VREF)
350
—
—
mV
VREF_ACC
Output voltage accuracy, IREF ≤ 30 mA
-0.75
—
0.75
%
IREF
Nominal current capability
—
—
30
mA
ILIM_REF
Output current limitation
38
—
95
mA
RREF_DIS
Discharge resistor (when VREF is disabled)
80
—
220
Ω
Dynamic electrical characteristics
VREF_SS
Soft start ramp rate from 10 % to 90 %
VREF = 3.3 V
VREF = 5.0 V
3.2
—
58
mV/µs
PSRRVREF_450kHz
Power supply rejection ratio
VREF_HDR = 350 mV, 100 µA < IREF < 30 mA @
450 kHz
25
—
—
dB
PSRRVREF_2.2MHz
Power supply rejection ratio
VREF_HDR = 350 mV, 100 µA < IREF < 30 mA @
2.25 MHz
35
—
—
dB
Table 109. VREF electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
107 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com