Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 110 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 106Page - NXP Semiconductors FS26 Datasheet HTML 107Page - NXP Semiconductors FS26 Datasheet HTML 108Page - NXP Semiconductors FS26 Datasheet HTML 109Page - NXP Semiconductors FS26 Datasheet HTML 110Page - NXP Semiconductors FS26 Datasheet HTML 111Page - NXP Semiconductors FS26 Datasheet HTML 112Page - NXP Semiconductors FS26 Datasheet HTML 113Page - NXP Semiconductors FS26 Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Output current capability
ITRKx
VTRKx_HDR = 500 mV, VTRKx = 3.3 V or 5 V
VTRKx_HDR = 350 mV, VTRKx = 3.3 V or 5 V
VTRKx = 1.2 V or 1.8 V
—
—
—
—
—
—
150
125
65
mA
ILIM_TRKx
Output current limitation
160
—
360
mA
ITRKx_LEAK
Reverse current leakage (VTRKx = 40 V). Valid when TRKx is disabled
and also in standby mode and LPOFF mode.
—
—
1.7
mA
PSRRTRKx_450KHz
Power supply rejection ratio
VTRKx_HDR = 350 mV, 100 µA < ITRKx < 125 mA @ 450 kHz
COUT_TRKx[1] = 2.2 µF
20
—
—
dB
PSRRTRKx_2.2MHz
Power supply rejection ratio
VTRKx_HDR = 350 mV, 100 µA < ITRKx < 125 mA @ 2.2 MHz
COUT_TRKx[1] = 2.2 µF
25
—
—
dB
RTRKx_DIS
Discharge resistance (when TRKx is disabled)
-
100
155
Ω
TSDTRKx
Thermal shutdown threshold
175
—
—
°C
TSDTRKx_HYS
Thermal shutdown threshold hysteresis
5
—
12
°C
Dynamic electrical conditions
tTRKx_TSD
Thermal shutdown filtering time
3
5
8
µs
VTRKx_SLR
Output voltage ramp rate from 10 % to 90 %
6
15
mV/µs
VTRKx_LOTR
Transient load response
ITRKx = 100 µA to 125 mA step and 125 mA to 100 µA
di/dt = 125 mA/µs
-3
—
3
%
External components
CIN_TRKx
Effective[1] input capacitor (close to TRKIN pin)
0.5
—
—
µF
COUT_TRKx
Effective[1] output capacitance
1.1
2.2
10
µF
Table 110. TRKx Electrical characteristics...continued
[1]
For all regulators, the effective capacitor value is the capacitor value after tolerance, DC bias and aging removal.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
110 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com