Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 127 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 127 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 123Page - NXP Semiconductors FS26 Datasheet HTML 124Page - NXP Semiconductors FS26 Datasheet HTML 125Page - NXP Semiconductors FS26 Datasheet HTML 126Page - NXP Semiconductors FS26 Datasheet HTML 127Page - NXP Semiconductors FS26 Datasheet HTML 128Page - NXP Semiconductors FS26 Datasheet HTML 129Page - NXP Semiconductors FS26 Datasheet HTML 130Page - NXP Semiconductors FS26 Datasheet HTML 131Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
19.4.2 Calibration procedure
The calibration procedure consists of activating the counter for a specific duration and comparing the result with
the MCU's accurate clock and timing. Once the timer expires, the MCU reads back its final value to compare
with its own accurate time of activation and to calculate a time offset.
NXP recommends performing the calibration between -20 °C and 85 °C. Calibration example:
• Select the timer function 1 and set the after run value to 65535 (~32 s).
• Start the counter.
• Read the counter when the MCU RTC reaches 20 s (must be less than 30 s with ±5.0 % oscillator accuracy).
• If the oscillator period is at exact typical value (absolutely no deviation error), expected reading is 40960.
• The exact reading calculates the error correction factor ECF = exact_reading/expected_reading.
• ECF < 1 if the oscillator is faster than the exact typical value.
• ECF > 1 if the oscillator is slower than the exact typical value.
• After calibration, the new after run or wake-up values to set the counter are "after run x ECF" and "wake-up x
ECF".
19.4.3 LDT functions
LDT_FNCT[2:0]
Long Duration Timer Function
0h
Function 1: In normal mode, count and generate a flag or an interrupt when the counter
reaches the after run value.
1h
Function 2: In normal mode, count until the counter reaches the after run value and enters
Low-power mode.
2h
Function 3: In normal mode, count until the counter reaches the after run value and enters
low power mode. Once in Low-power mode, count until the counter reaches the wake-up
value or until another wake-up event occurs, and wakes up.
3h
Function 4: In Low-power mode, count until the counter reaches the wake-up value or
until another wake-up event occurs, and wakes up.
4h
Function 5: In Low-power mode, count and do not wake up unless the counter overflow
occurs or if the device wakes up by another wake-up input source.
Table 125. Long Duration Timer functions
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
127 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com