Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 131 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 127Page - NXP Semiconductors FS26 Datasheet HTML 128Page - NXP Semiconductors FS26 Datasheet HTML 129Page - NXP Semiconductors FS26 Datasheet HTML 130Page - NXP Semiconductors FS26 Datasheet HTML 131Page - NXP Semiconductors FS26 Datasheet HTML 132Page - NXP Semiconductors FS26 Datasheet HTML 133Page - NXP Semiconductors FS26 Datasheet HTML 134Page - NXP Semiconductors FS26 Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
aaa-045495
SPI
ON
OFF
PWR UP
VDEBUG
VSUP
VWAKEx
SPI
REGx
PWR UP
PWR DWN OFF
ON
> VIH_WAKEx
> VSUP_UVH
VDBG
SPI
FS_LP_REQ
Figure 49. Debug mode time chart
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V,
unless otherwise specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Electrical characteristics
VNORM
Voltage to apply at DEBUG pin to exit OTP mode and to
start in normal mode
0
—
1.8
V
VOTP
Voltage to apply at DEBUG pin to enter OTP mode
(State machines stopped for OTP emulation/
programming)
7.4
—
8.4
V
VDBG
Voltage to apply at DEBUG pin to enter debug mode
(Automatic start in Debug mode with watchdog
disabled)
2.5
—
6
V
tOTP_DBG
DEBUG pin filtering time to enter OTP mode or debug
mode
4
6
8
µs
Table 126. Electrical characteristics
20.1 OTP mode flowchart
The diagram in Figure 50 explains the steps to enter OTP mode, emulate or program an OTP configuration,
start the fail-safe machine in Debug mode, exit Debug mode with the watchdog disabled, and release the safety
outputs.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
131 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com