Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 129 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 125Page - NXP Semiconductors FS26 Datasheet HTML 126Page - NXP Semiconductors FS26 Datasheet HTML 127Page - NXP Semiconductors FS26 Datasheet HTML 128Page - NXP Semiconductors FS26 Datasheet HTML 129Page - NXP Semiconductors FS26 Datasheet HTML 130Page - NXP Semiconductors FS26 Datasheet HTML 131Page - NXP Semiconductors FS26 Datasheet HTML 132Page - NXP Semiconductors FS26 Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
• When function 3 is selected and the counter is launched, once the after run value is reached (EOT) the
device goes to Low-power mode. The counter is reset and restarts. When the counter reaches the wake-up
value (EOT), the device wakes up and the counter is stopped. If the device is awakened by another wake-up
source, the counter is stopped.
• When function 4 is selected and the counter is launched, once the wake-up value is reached (EOT) the device
wakes up and the counter is stopped. If the device is awakened by another wake-up source, the counter is
stopped.
• When function 5 is selected and the counter reaches its maximum value (FFFFFFh), the device wakes up and
the counter is stopped. The counter is not stopped if a wake-up event is trigged while counting. The counter
must be disabled (LDT_EN = 0) before reading its value.
aaa-045483
AFTER RUN
count
WAKE UP
count
STOP
IDLE
POR
LDT_EN = 1 AND
LPM AND (F4 | F5)
((F3 | F4) AND EOT) | (F5 AND OVRFLW)
| (Other WU source)
* (F3 | F4) AND EOT -> WU
* F5 AND OVRFLW -> WU
* (F3 | F4) AND wake-up event -> WU
LDT_EN = 1 AND
(F1 | F2 | F3)
(F1 | F2) AND EOT
* F1 AND EOT -> Interrupt event
* F2 AND EOT -> LPM
EOT: End of timer
LPM: Low power mode
OVRFLW: Time overflow
FX: Function X selected
WU: Wake up
LDT_EN = 0
LDT_EN = 0
LDT_EN = 0
F3 AND EOT
* F3 AND EOT -> LPM
Figure 47. Long duration timer state machine
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
129 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com