Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 130 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 130 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 126Page - NXP Semiconductors FS26 Datasheet HTML 127Page - NXP Semiconductors FS26 Datasheet HTML 128Page - NXP Semiconductors FS26 Datasheet HTML 129Page - NXP Semiconductors FS26 Datasheet HTML 130Page - NXP Semiconductors FS26 Datasheet HTML 131Page - NXP Semiconductors FS26 Datasheet HTML 132Page - NXP Semiconductors FS26 Datasheet HTML 133Page - NXP Semiconductors FS26 Datasheet HTML 134Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
20 OTP and Debug mode
OTP emulation and programming performed by the customer is allowed during engineering development using
OTP mode with NXP’s latest graphical user interface and socketed evaluation board.
Customer is not allowed to perform OTP programming for production purposes. Only NXP or a recommended
third party are allowed to program the device for production purposes.
When an OTP configuration is emulated, the configuration remains available until the POR_M / POR_FS of the
digital circuitry. The fail-safe configuration is lost in low power mode (LPOFF mode and standby mode) since the
fail-safe digital is OFF in these modes.
The main digital configuration is lost when VSUP is removed, which means VBOS < VBOS_POR. When an
OTP configuration is programmed, the device will start with the programmed OTP configuration by default.
A programmed part cannot be re-programmed, but can be emulated. To enter OTP mode, the voltage at the
DEBUG pin must be set to VOTP prior to applying VSUP voltage.
During the power-up sequence, the main and the fail-safe state machines will stop prior to starting the
regulators, waiting for SPI communication to send an OTP configuration to the device. When the OTP
configuration is complete, the fail-safe state machine will start in Debug mode when the voltage at the DEBUG
pin is below VNORM_MAX (NXP recommends applying 0 V or ground).
aaa-045494
SPI OTP emulate or pgm
OFF
VDEBUG
VSUP
VWAKEx
SPI
REGx
PWR UP
ON
PWR DWN
PWR UP
OFF
ON
SPI OTP emulate or pgm
> VIH_WAKEx
> VSUP_UVH
VOTP
VOTP
SPI
FS_LP_REQ
SPI
Figure 48. OTP mode time chart
Debug mode is intended for software debugging or first MCU programming during ECU assembly. To enter
Debug mode without first entering OTP mode, the voltage at the DEBUG pin must be set to VDBG prior to
applying the VSUP voltage. During the power-up sequence, the fail-safe state machine will start in Debug mode
and reach the initialization phase.
In Debug mode, the watchdog window is infinite opened, the RSTB 8 s counter is disabled, FS0B is maintained
low and cannot be released. The Deep Fail Safe is deactivated. The Debug mode status is reported by the
DBG_MODE bit in FS_STATES register (latched information) or by VDBG_VOLT_S in M_STATUS (real time
information). To exit Debug mode, write to the EXIT_DBG_MODE bit in the FS_STATES register.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
130 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com