Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 128 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 128 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 124Page - NXP Semiconductors FS26 Datasheet HTML 125Page - NXP Semiconductors FS26 Datasheet HTML 126Page - NXP Semiconductors FS26 Datasheet HTML 127Page - NXP Semiconductors FS26 Datasheet HTML 128Page - NXP Semiconductors FS26 Datasheet HTML 129Page - NXP Semiconductors FS26 Datasheet HTML 130Page - NXP Semiconductors FS26 Datasheet HTML 131Page - NXP Semiconductors FS26 Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
FUNCTIONS
NORMAL MODE
LOW POWER MODE (STBY/LPOFF)
Function 1
SPI: configure timer function 1
SPI: write after run register
SPI: write LDT_EN = 1
INTB when after run value reached
Timer counts
INTB
After run value reached
No entry in low power
mode controlled by LDT
Function 2
SPI: configure timer function 2
SPI: write after run register
SPI: write LDT_EN = 1
Entry in low power mode after
run value reached
Function 3
SPI: configure timer function 3
SPI: write after run register
SPI: write wake-up register
SPI: write LDT_EN = 1
Entry in low power mode after
run value reached and wake up
when wake-up value reached
Function 4
SPI: configure timer function 4
SPI: write wake-up register
SPI: write LDT_EN = 1
SPI: go to low power mode
Wake up when wake-up value
reached
Function 5
SPI: configure timer function 5
SPI: write LDT_EN = 1
SPI: go to low power mode
Wake up when other wake-up
event occurs (ex IOS)
aaa-045482
Timer counts
Wake-up
value reached
WAKE-UP
Timer counts
After run value reached
Entry in low power
mode when after run value reached
Timer counts
After run value reached
Entry in init mode
after wake up by timer
Entry in low power
mode when after run value reached
Timer counts
Wake-up
value reached
WAKE-UP
Entry in init mode
after wake up by timer
Entry in low power
mode by SPI
Timer counts
WAKE-UP (ex IOs)
Entry in init mode
after wake up by timer
Entry in low power
mode by SPI
Figure 46. Long Duration Timer functions
19.4.4 LDT operation
The timer is configured and operates with the M_LDT_CFG1, M_LDT_CFG2, M_LDT_CFG3 and
M_LDT_CTRL registers.
The 16-bit after-run value is configured and read with M_LDT_CFG1 register and the 24-bit wake-up value is
configured and read in the corresponding M_LDT_CFG2 and M_LDT_CFG3 registers.
Figure 47 describes the independent state machine for the long duration timer (LDT). After a POR_M of the
device, the LDT is in idle mode waiting for configuration. The after-run timer function starts when the LDT_EN
bit is set by SPI. The wake-up timer function starts when the device enters Low-power mode.
The LDT counter keeps the last count until the LDT is enabled again, that is, the LDT counter is reset when
LDT_EN goes from 0 to 1.
• When function 1 is selected and the counter is launched, once the after run value is reached (EOT: End of
timer) an interrupt is generated and the counter is stopped
• When function 2 is selected and the counter is launched, once the after run value is reached (EOT) the device
goes to Low-power mode and the counter is stopped.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
128 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com