Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 109 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 105Page - NXP Semiconductors FS26 Datasheet HTML 106Page - NXP Semiconductors FS26 Datasheet HTML 107Page - NXP Semiconductors FS26 Datasheet HTML 108Page - NXP Semiconductors FS26 Datasheet HTML 109Page - NXP Semiconductors FS26 Datasheet HTML 110Page - NXP Semiconductors FS26 Datasheet HTML 111Page - NXP Semiconductors FS26 Datasheet HTML 112Page - NXP Semiconductors FS26 Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
18.7 TRK1 and TRK2: voltage tracking regulators
TRK1 and TRK2 are linear voltage regulators following a known voltage reference. The output voltage of the
tracking regulators can track either VREF, LDO2, or an internal LDO reference.
TRK1 and TRK2 are intended to supply sensors located outside the ECU, therefore each voltage tracker is
independently protected against short circuit to ground and short circuit to battery. An overcurrent detection and
a thermal shutdown protection are integrated in each tracker.
When the output current rises above the ILIM_TRKx threshold, the corresponding SPI bit TRKxOC_I is set. An
overcurrent detection does not turn OFF the corresponding tracker but will induce an output voltage drop.
aaa-045470
TRK1 AND TRK2
LDO
TRACKER #1
TRK1
TRKIN
VTRK1
VTRKIN
INTRK1
SET1
COUT_TRK1
LDO
TRACKER #2
TRK2
VTRK2
INTRK2
2 % INTERNAL
LDO (1.2 V, 1.8 V,
3.3 V or 5.0 V)
VREF
(3.3 V or 5.0 V)
LDO2
(3.3 V or 5.0 V)
OUT
OTP
OTP
IN
LDOIN
VREF
SET2
LDO2
COUT_TRK2
Figure 33. TRK1 and TRK2 block diagram
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static electrical conditions
VTRKIN
Input reference voltage range
VTRKx + VTRKx_HDR
—
6.35
V
VTRKx_HDR_125
Minimum headroom (VTRKIN – VTRKx) for ITRKx = 125 mA
350
—
—
mV
VTRKx_HDR_150
Minimum headroom (VTRKIN – VTRKx) for ITRKx = 150 mA
500
—
—
mV
Output voltage
VTRKx
VSETx = VREF = 3.3 V
VSETx = VREF = 5.0 V
VSETx = Internal LDO = 1.2 V
VSETx = Internal LDO = 1.8 V
VSETx = Internal LDO = 3.3 V
VSETx = Internal LDO = 5.0 V
VSETx = VLDO2 = 3.3 V
VSETx = VLDO2 = 5.0 V
—
—
—
—
—
—
—
—
3.3
5.0
1.2
1.8
3.3
5.0
3.3
5.0
—
—
—
—
—
—
—
—
V
VTRKx_ACC
Tracker output voltage accuracy when VSETx = Internal LDO
-2
—
2
%
VTRKx_OFF
Offset voltage between tracker output voltage and tracking reference
(VTRKx - VSETx)
VSETx = VREF or VLDO2
0 mA < ITRKx < 150 mA
-10
—
10
mV
Table 110. TRKx Electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
109 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com